Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB24S1200A Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # AB24S1200A
Description  AC/DC Power Module 24W, Industrial & Medical Safety
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AB24S1200A Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  AB24S1200A Datasheet HTML 1Page - Delta Electronics, Inc. AB24S1200A Datasheet HTML 2Page - Delta Electronics, Inc. AB24S1200A Datasheet HTML 3Page - Delta Electronics, Inc. AB24S1200A Datasheet HTML 4Page - Delta Electronics, Inc. AB24S1200A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DS_AB24S/D_06112014
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P5
Physical Characteristics
Case Size
:
96.0x54.0x23.3mm (3.78x2.13x0.92 inches)
Case Material
:
Plastic resin (flammability to UL 94V-0 rated)
Weight
:
201g
DIN-Rail Mounting Bracket
Part Numbering System
A
B
24
S
05
00
A
Product type
Family
series
Watt
Number of
Outputs
Output
Voltage I
Output
Voltage II
Option Code
AC/DC Power Module
Medical
application
24 - 24W
S - Single
05 - 5V
00 - not
applicable
A - PCB Mount
D - Dual
09 - 9V
12 - 12V
C - Chassis Mount
12 - 12V
15 - 15V
D - Din Rail Mount
15 - 15V
24 - 24V
CONTACT: www.deltaww.com/dcdc
USA:
Telephone:
East Coast: 978-656-3993
West Coast: 510-668-5100
Fax: (978) 656 3964
Email: DCDC@delta-corp.com
Europe:
Phone: +31-20-655-0967
Fax: +31-20-655-0999
Email: DCDC@delta-es.com
Asia & the rest of world:
Telephone: +886 3 4526107
ext 6220~6224
Fax: +886 3 4513485
Email: DCDC@delta.com.tw
WARRANTY
Delta offers a three(3) years limited warranty. Complete warranty information is listed on our web site or is available upon request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its use, nor for any
infringements of patents or other rights of third parties, which may result from its use. No license is granted by implication or otherwise under
any patent or patent rights of Delta. Delta reserves the right to revise these specifications at any time, without notice.


Similar Part No. - AB24S1200A

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
AB24S CHENDA-AB24S Datasheet
704Kb / 2P
   4 0 to 200 Volts Current - 2.0 Ampere
AB24S CHENDA-AB24S Datasheet
778Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
AB24S CHENDA-AB24S Datasheet
504Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
AB24S CHENDA-AB24S_17 Datasheet
778Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
AB24S CHENDA-AB24S_V01 Datasheet
504Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - AB24S1200A

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AJM-24 MINMAX-AJM-24_16 Datasheet
443Kb / 5P
   AC/DC Power Module 24W, Industrial & Medical Safety
AYM-60 MINMAX-AYM-60_16 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
APM-40 MINMAX-APM-40_16 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
logo
Delta Electronics, Inc.
AB40S DELTA-AB40S Datasheet
328Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
AB60S DELTA-AB60S Datasheet
393Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
logo
Arch Electronics Corp.
MQCS100 ARCH-MQCS100 Datasheet
239Kb / 3P
   AC-DC Medical Power Module
logo
MORNSUN Science& Techno...
MA02405HA MORNSUN-MA02405HA Datasheet
420Kb / 4P
   24W AC/DC Adapter
MY02405DA MORNSUN-MY02405DA Datasheet
320Kb / 4P
   24W AC/DC Adapter
MG02405HA MORNSUN-MG02405HA Datasheet
436Kb / 4P
   24W AC/DC Adapter
MI02405HA MORNSUN-MI02405HA Datasheet
432Kb / 4P
   24W AC/DC Adapter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com