Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS316 Datasheet(PDF) 1 Page - Weitron Technology

Part # BAS316
Description  High-speed diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAS316 Datasheet(HTML) 1 Page - Weitron Technology

  BAS316 Datasheet HTML 1Page - Weitron Technology BAS316 Datasheet HTML 2Page - Weitron Technology BAS316 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High-speed diode
BAS316
2
ANODE
1
CATHODE
FEATURES
· Ultra small plastic SMD package
· High switching speed: max. 4 ns
· Continuous reverse voltage: max. 75 V
· Repetitive peak reverse voltage: max. 100 V
· Repetitive peak forward current: max. 500 mA.
APPLICATIONS
· High-speed switching in e.g. surface mounted circuits.
DESCRIPTION
The BAS316 is a high-speed switching diode fabricated in
planar technology, and encapsulated in the SOD323(SC76) SMD
plastic package.
We declare that the material of product compliance with RoHS requirements.
ELECTRICAL CHARACTERISTICS T j =25°C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
V F
forward voltage
see Fig.2 I F = 1 mA
715
mV
I F = 10 mA
855
mV
I F =50 mA
1
V
I F = 150 mA
1.25
V
I R
reverse current
see Fig.4 V R = 25 V
30
nA
V R =75 V
1
µ
A
V R = 25 V; T j = 150 °C
30
µ
A
V R = 75 V; T j = 150 °C;
50
µ
A
C d
diode capacitance
f = 1 MHz; V R = 0; see Fig.5
2
pF
t rr
reverse recovery time
whenswitchedfromIF=10mAtoIR=10mA;
4
ns
R L= 100 ; measured at IR= 1 mA; see Fig.6
V fr
forward recovery voltage
whenswitchedfromIF=10mA;tr=20ns;seeFig.7
1.75
V
SOD– 323
·
S-BAS316
· S- Prefix for Automotive and Other Applications Requiring Unique Site and
Control Change Requirements; AEC-Q101 Qualified and PPAP Capable.
Device
Marking
Shipping
ORDERING INFORMATION
BAS316
Z9
3000 Tape & Reel
BAS316
Z9
10000 Tape & Reel
S-BAS316
S-BAS316
Lead(Pb)-Free
P b
Ω
http://www.weitron.com.tw
WEITRON
1
/3
03-Jul-2015


Similar Part No. - BAS316

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
   High-speed diode
1998 Mar 26
BAS316 NXP-BAS316 Datasheet
150Kb / 20P
   High-speed switching diodes
Rev. 05-25 August 2008
logo
DONGGUAN YOU FENG WEI E...
BAS316 YFWDIODE-BAS316 Datasheet
424Kb / 3P
   Switching Diodes
logo
NXP Semiconductors
BAS316 PHILIPS-BAS316 Datasheet
66Kb / 9P
   High-speed diode
2004 Feb 04
BAS316 NXP-BAS316 Datasheet
150Kb / 20P
   High-speed switching diodes
Rev. 05-25 August 2008
More results

Similar Description - BAS316

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA220 PHILIPS-BA220 Datasheet
41Kb / 7P
   High-speed diode
1996 Sep 03
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
   High-speed diode
1999 May 26
BAS32L PHILIPS-BAS32L Datasheet
34Kb / 7P
   High-speed diode
1996 Sep 10
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
   High-speed diode
1998 Mar 26
logo
Leshan Radio Company
LBAS316T1G LRC-LBAS316T1G_15 Datasheet
236Kb / 4P
   High-speed diode
logo
NXP Semiconductors
PMBD6050 PHILIPS-PMBD6050_15 Datasheet
131Kb / 10P
   High-speed diode
2004 Jan 14
logo
SEMTECH ELECTRONICS LTD...
BAS32L SEMTECH_ELEC-BAS32L Datasheet
276Kb / 4P
   HIGH SPEED DIODE
logo
Nexperia B.V. All right...
PMBD6050 NEXPERIA-PMBD6050 Datasheet
313Kb / 1P
   High-speed diode
2004 Jan 14
logo
NXP Semiconductors
BAL74 PHILIPS-BAL74 Datasheet
56Kb / 12P
   High-speed diode
1999 May 26
BAS516 PHILIPS-BAS516 Datasheet
59Kb / 12P
   High-speed diode
1998 Aug 31
BAL99W PHILIPS-BAL99W Datasheet
58Kb / 12P
   High-speed diode
1999 May 06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com