Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB40D1212A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # AB40D1212A
Description  AC/DC Power Module 40W, Industrial & Medical Safety
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AB40D1212A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  AB40D1212A Datasheet HTML 1Page - Delta Electronics, Inc. AB40D1212A Datasheet HTML 2Page - Delta Electronics, Inc. AB40D1212A Datasheet HTML 3Page - Delta Electronics, Inc. AB40D1212A Datasheet HTML 4Page - Delta Electronics, Inc. AB40D1212A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AB40S/D Series
AC/DC Power Module 40W, Industrial & Medical Safety
DS_AB40S/D_06112014
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P1
FEATURES
Fully encapsulated Plastic Case
3 Mounting Versions:
- PCB Mounting with Solder Pins
- Chassis Mounting with Screw Terminals
- DIN-Rail Mounting
Package Dimension 88.9x63.5x30.0 mm (PCB
Mounting Version)
Universal Input 85-264VAC, 47-440 Hz
Protection Class ll
Extended Operating Temp.Range -40°C to +60°C
at full Load
LED Output Indicator (Chassis Version Models)
Industrial Safety to UL/cUL/IEC/EN 60950-1 and
UL508
Medical Safety Approval to UL/cUL/IEC/EN
60601-1 3
rd Edition
Over Load and Over Temperature Protection
3 Year Product Warranty
The AB40S/D series is a range of fully encapsulated AC/DC power modules. These high performance products feature an extended
operating temperature range of -40°C to +80°C. Universal input voltage 85-264VAC and UL/IEC/EN safety approvals including
medical safety and UL508 listing qualify these power supplies modules for applications in products with worldwide
markets.EMI-filter meets EN55022, class B and FCC,part15, class B.
The AB40S/D series power modules provide an economical solution for many space critical applications in commercial, medical and
industrial electronic equipment.
Model Selection Guide
Model Number PCB
Mounting
Output
Voltage
Output Current
Input Current
Max. capacitive
Load
Efficiency
(typ.)
115VAC, 60Hz
230VAC, 50Hz
Max.
@Max. Load
@Max. Load, 115VAC
VDC
mA
mA(typ.)
μF
%
AB40S0500A
5
8000
716
429
8000
81
AB40S1200A
12
3330
689
414
3900
84
AB40S1500A
15
2660
680
408
3900
85
AB40S2400A
24
1660
687
413
680
84
AB40D1212A
±12
±1660
687
413
1500#
84
AB40D1515A
±15
±1330
680
408
1000#
85
# For each output


Similar Part No. - AB40D1212A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
AB40 EIC-AB40 Datasheet
22Kb / 2P
   AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AB40-C1000G EIC-AB40-C1000G Datasheet
22Kb / 2P
   AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AB40-C1000G EIC-AB40-C1000G Datasheet
85Kb / 2P
   AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
AB40-C1500RG EIC-AB40-C1500RG Datasheet
54Kb / 2P
   AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Assmann Electronics Inc...
AB401-R ASSMANN-AB401-R Datasheet
170Kb / 1P
   DB9 Male - MINI DIN 6PIN Female
More results

Similar Description - AB40D1212A

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
APM-40 MINMAX-APM-40_16 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
AYM-60 MINMAX-AYM-60_16 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
logo
Delta Electronics, Inc.
AB24S DELTA-AB24S Datasheet
375Kb / 5P
   AC/DC Power Module 24W, Industrial & Medical Safety
AB60S DELTA-AB60S Datasheet
393Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
logo
Minmax Technology Co., ...
AJM-24 MINMAX-AJM-24_16 Datasheet
443Kb / 5P
   AC/DC Power Module 24W, Industrial & Medical Safety
logo
Mean Well Enterprises C...
GE40 MEANWELL-GE40 Datasheet
489Kb / 5P
   40W AC-DC Interchangeable Industrial Adaptor
logo
TDK Electronics
KM TDK-KM Datasheet
523Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
logo
Arch Electronics Corp.
MQCS100 ARCH-MQCS100 Datasheet
239Kb / 3P
   AC-DC Medical Power Module
logo
TDK Electronics
KMS15 TDK-KMS15 Datasheet
688Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
logo
Mean Well Enterprises C...
GSM40 MEANWELL-GSM40 Datasheet
248Kb / 2P
   40W AC-DC Single Output Medical Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com