Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB0709A Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SB0709A
Description  Silicon PNP epitaxial planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB0709A Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SB0709A Datasheet HTML 1Page - Panasonic Semiconductor 2SB0709A Datasheet HTML 2Page - Panasonic Semiconductor 2SB0709A Datasheet HTML 3Page - Panasonic Semiconductor 2SB0709A Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB0709A
2
SJC00047BED
IB  VBE
IC  VBE
VCE(sat)  IC
PC  Ta
IC  VCE
IC  IB
hFE  IC
fT  IE
Cob  VCB
0
160
40
120
80
0
240
200
160
120
80
40
Ambient temperature T
a (°C)
0
−12
−10
−8
−2
−6
−4
0
−120
−100
−80
−60
−40
−20
Ta
= 25°C
−250 µA
−200 µA
−150 µA
−100 µA
−50 µA
IB
= −300 µA
Collector-emitter voltage V
CE (V)
0
−400
−100
−300
−200
0
−60
−50
−40
−30
−20
−10
VCE
= −5 V
Ta
= 25°C
Base current I
B (µA)
0
−1.6
− 0.4
− 0.8
−1.2
0
−400
−300
−100
−250
−350
−200
−50
−150
VCE
= −5 V
Ta
= 25°C
Base-emitter voltage V
BE (V)
0
−2.0
−1.6
− 0.4
−1.2
− 0.8
0
−240
−200
−160
−120
−80
−40
VCE
= −5 V
Ta
= 75°C
−25°C
25
°C
Base-emitter voltage V
BE (V)
−1
−10
−100
−1000
− 0.001
− 0.01
− 0.1
−1
−10
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
−1
−10
−100
−1000
0
600
500
400
300
200
100
VCE
= −10 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
0.1
1
10
100
0
160
120
40
100
140
80
20
60
VCB
= −10 V
Ta
= 25°C
Emitter current I
E (mA)
−1
−10
−100
0
8
6
2
5
7
4
1
3
IE
= 0
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)


Similar Part No. - 2SB0709A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB0709ARL PANASONIC-2SB0709ARL Datasheet
262Kb / 4P
   Silicon PNP epitaxial planar type
More results

Similar Description - 2SB0709A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com