Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSD520BS-40 Datasheet(PDF) 1 Page - Weitron Technology

Part # WSD520BS-40
Description  SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WSD520BS-40 Datasheet(HTML) 1 Page - Weitron Technology

  WSD520BS-40 Datasheet HTML 1Page - Weitron Technology WSD520BS-40 Datasheet HTML 2Page - Weitron Technology WSD520BS-40 Datasheet HTML 3Page - Weitron Technology WSD520BS-40 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.weitron.com.tw
WEITRON
WSD520BS-40
SMALL SIGNAL
SCHOTTKY DIODES
200m AMPERES
40 VOLTS
Applications:
Feature:
Surface Mount Schottky Barrier Diodes
SOD-882
Lead(Pb)-Free
P b
* Extremelysmall Surface Mounting Type. (SOD-882)
* Silicon Epitaxial Planar
* Low IR
* High Reliability
* We Declare That The Material of Product
Compliance With RoHS Requirements
1/4
20-Apr-2016
SOD-882 Outline Dimensions
Unit:mm
SOLDERING FOOTPRINT
DIM
MILLIMETERS
A
B
C
D
E
F
G
H
P
R
W
0.95
0.55
0.465
1.00
0.60
0.4825
0.39
0.127
0.0635
0.12
0.20
0.64
0.25
0.49
1.05
0.65
0.5
MAX
NOM
MIN
0.2
0.44
0.54
0.3
* Low current rectification and high speed switching


Similar Part No. - WSD520BS-40

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WSD520BS WEITRON-WSD520BS Datasheet
675Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 30 VOLTS
More results

Similar Description - WSD520BS-40

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WSD521BS-40 WEITRON-WSD521BS-40 Datasheet
688Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
WSD521S-40 WEITRON-WSD521S-40 Datasheet
195Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
WSD520BS WEITRON-WSD520BS Datasheet
675Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 30 VOLTS
WSD751BS WEITRON-WSD751BS Datasheet
782Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 30m AMPERES 40 VOLTS
logo
List of Unclassifed Man...
WSD551H ETC1-WSD551H Datasheet
250Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES 500m AMPERES 30 VOLTS
logo
Weitron Technology
WSD551BS WEITRON-WSD551BS Datasheet
698Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 500m AMPERES 30 VOLTS
WSD521BS WEITRON-WSD521BS Datasheet
669Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 100m AMPERES 30 VOLTS
1N60 WEITRON-1N60 Datasheet
239Kb / 2P
   Schottky Barrier Diodes SMALL SIGNAL SCHOTTKY DIODES 30m/50m AMPERES 40/45VOLTS
logo
Micro Commercial Compon...
SD103AX MCC-SD103AX_13 Datasheet
331Kb / 3P
   200mW Small Signal Schottky Diode 40 Volts
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
   200mW Small Signal Schottky Diode 40 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com