Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5043S8-2.7 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X5043S8-2.7
Description  CPU Supervisor with 4K SPI EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5043S8-2.7 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X5043S8-2.7 Datasheet HTML 6Page - Xicor Inc. X5043S8-2.7 Datasheet HTML 7Page - Xicor Inc. X5043S8-2.7 Datasheet HTML 8Page - Xicor Inc. X5043S8-2.7 Datasheet HTML 9Page - Xicor Inc. X5043S8-2.7 Datasheet HTML 10Page - Xicor Inc. X5043S8-2.7 Datasheet HTML 11Page - Xicor Inc. X5043S8-2.7 Datasheet HTML 12Page - Xicor Inc. X5043S8-2.7 Datasheet HTML 13Page - Xicor Inc. X5043S8-2.7 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
X5043/X5045
Characteristics subject to change without notice.
10 of 20
REV 1.1.2 5/29/01
www.xicor.com
ABSOLUTE MAXIMUM RATINGS
Temperature under bias ....................–65°C to +135°C
Storage temperature ........................–65°C to +150°C
Voltage on any pin with
respect to VSS......................................–1.0V to +7V
D.C. output current ............................................... 5mA
Lead temperature (soldering, 10 seconds).........300°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0°C
70°C
Industrial
–40°C
+85°C
Option
Supply Voltage Limits
-2.7, -2.7A
2.7V to 5.5V
Blank, -4.5A
4.5V to 5.5V
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
Notes: (1) VIL min. and VIH max. are for reference only and are not tested.
(2) This parameter is periodically sampled and not 100% tested.
(3) SCK frequency measured from VCC x 0.1/VCC x 0.9
Symbol
Parameter
Limits
Unit
Test Conditions/Comments
Min.
Typ.(2)
Max.
ICC1
VCC Write Current (Active)
3
mA
SCK = 3.3MHz(3); SO, RESET,
RESET = Open
ICC2
VCC Read Current (Active)
2
mA
SCK = 3.3MHz(3); SI = VSS, RESET,
RESET = Open
ISB1
VCC Standby Current
WDT = OFF
10
µA
CS = VCC, SCK, SI = VSS,
VCC = 5.5V
ISB2
VCC Standby Current
WDT = ON
50
µA
CS = VCC, SCK, SI = VSS,
VCC = 5.5V
ILI
Input Leakage Current
0.1
10
µA
SCK, SI, WP = VSS to VCC
ILO
Output Leakage Current
0.1
10
µA
SO, RESET, RESET = VSS to VCC
VIL
(1)
Input LOW Voltage
–0.5
VCC x 0.3
V
SCK, SI, WP, CS
VIH
(1)
Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
SCK, SI, WP, CS
VOL
Output LOW Voltage (SO)
0.4
V
IOL = 2mA @ VCC = 2.7V
IOL = 0.5mA @ VCC = 1.8V
VOH1
Output HIGH Voltage (SO)
VCC – 0.8
V
VCC > 3.3V, IOH = –1.0mA
VOH2
Output HIGH Voltage (SO)
VCC – 0.4
V
2V < VCC ≤ 3.3V, IOH = –0.4mA
VOH3
Output HIGH Voltage (SO)
VCC – 0.2
V
VCC ≤ 2V, IOH = –0.25mA
VOLRS
Output LOW Voltage
(RESET, RESET)
0.4
V
IOL = 1mA
Symbol
Test
Max.
Unit
Conditions
COUT
(2)
Output Capacitance (SO, RESET, RESET)
8
pF
VOUT = 0V
CIN
(2)
Input Capacitance (SCK, SI, CS, WP)
6
pF
VIN = 0V


Similar Part No. - X5043S8-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043S8-2.7 INTERSIL-X5043S8-2.7 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8-2.7 INTERSIL-X5043S8-2.7 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8-2.7A INTERSIL-X5043S8-2.7A Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8-2.7A INTERSIL-X5043S8-2.7A Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
More results

Similar Description - X5043S8-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZT1 INTERSIL-X5043S8IZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8ZT1 INTERSIL-X5043S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8ZT1 INTERSIL-X5045S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZ INTERSIL-X5043S8IZ Datasheet
399Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
September 23, 2015
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com