Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4150_AX_10001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 1N4150_AX_10001
Description  FAST SWITCHING SURFACE MOUNT DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N4150_AX_10001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1N4150_AX_10001 Datasheet HTML 1Page - Pan Jit International Inc. 1N4150_AX_10001 Datasheet HTML 2Page - Pan Jit International Inc. 1N4150_AX_10001 Datasheet HTML 3Page - Pan Jit International Inc. 1N4150_AX_10001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
February 22,2014-REV.03
1N4150
FEATURES
• Fast switching Speed.
• Surface Mount Package Ideally Suited For Automatic Insertion.
• Silicon Epitaxal Planar Construction.
• Lead free in compliance with EU RoHS 2011/65/EU directive
MECHANICAL DATA
• Case: Mini Melf, Glass
•Terminals: Solderable per MIL-STD-750, Method 2026
•Approx. Weight: 0.00465 ounces, 0.131 grams
• Ordering information: Suffix : “ -35 ” to order DO-35 Package
• Packing information
B - 2K per Bulk box
T/R - 10K per 15" plastic Reel
T/B - 5K per horiz. tape & Ammo box
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(TJ =25°C unless otherwise noted)
FAST SWITCHING SURFACE MOUNT DIODES
VOLTAGE
50 Volt
POWER
500 mWatt
NOTE:
1. CJ at VR=0, f=1MHZ
2. From IF=10mA to IR=1mA, VR=6Volts, RL=100
1
2
Cathode
Anode
PARAMETER
SYMBOL
VALUE
UNITS
Reverse Voltage
V
R
50
V
Peak Reverse Voltage
V
RM
50
V
RMS Voltage
V
RMS
35
V
Maximum Average Forward Current at T
A=25
O
C And f > 50Hz
I
F(AV)
200
mA
Surge Forward Current at t < 1s and T
J=25
O
C
I
FSM
500
mA
Power Dissipation at T
A= 25
O
C
P
TOT
500
mW
Maximum Forward Voltage at I
F =200mA
V
F
1
V
Maximum Leakage Current at V
R= 50V
I
R
0.1
A
Maximum Capacitance (Note 1)
C
J
4
pF
Maximum Reverse Recovery Time (Note 2)
t
rr
4
ns
Typical Thermal Resistance
R
JA
350
O
C / W
Junction Temperature and Storage Temperature Range
T
J,TS
-65 to +175
O
C


Similar Part No. - 1N4150_AX_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4150_AX_10001 PANJIT-1N4150_AX_10001 Datasheet
113Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODES
February 22,2014-REV.03
More results

Similar Description - 1N4150_AX_10001

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Galaxy Semi-Conductor H...
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
   Surface Mount Fast Switching Diodes
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S Datasheet
163Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99DW BILIN-BAV99DW Datasheet
165Kb / 3P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LS4448 PANJIT-LS4448_13 Datasheet
82Kb / 5P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Diode Semiconductor Kor...
BAV70DW DSK-BAV70DW Datasheet
230Kb / 3P
   Surface Mount Fast Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com