Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B40SR12424b Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # B40SR12424b
Description  12V Output DC/DC Converter, Box Type Package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

B40SR12424b Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button B40SR12424b Datasheet HTML 2Page - Delta Electronics, Inc. B40SR12424b Datasheet HTML 3Page - Delta Electronics, Inc. B40SR12424b Datasheet HTML 4Page - Delta Electronics, Inc. B40SR12424b Datasheet HTML 5Page - Delta Electronics, Inc. B40SR12424b Datasheet HTML 6Page - Delta Electronics, Inc. B40SR12424b Datasheet HTML 7Page - Delta Electronics, Inc. B40SR12424b Datasheet HTML 8Page - Delta Electronics, Inc. B40SR12424b Datasheet HTML 9Page - Delta Electronics, Inc. B40SR12424b Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DS_B40SR12424_10282016
E-mail: dcdc@deltaww.com
http://www.deltaww.com/dcdc
P6
FEATURES DESCRIPTIONS
Output Over-Current Limit and Short Protection
The modules include internal output over-current limit (OCL) and short circuit protection (SCP) circuits, the
OCL set point is lower than that of the SCP; The response of SCP circuit is much fast than that of the OCL
circuit. The slowly increase of the output current will let module enter OCL protection when the current exceeds
the OCL set point, while the fast increase of the output current will let module enter SCP when the current
exceeds the SCP set point.
When the modules enter OCL protection, the output voltage will decrease while the output current is kept
constant, the output voltage will soft start to set point when the overload condition is removed.
The module will enter hiccup mode when it triggers the SCP set point. The module will try to restart after
shutdown. If the overload condition still exists, the module will shut down again. This restart trial will continue
until the overload condition is removed.
Output Over-Voltage Protection
The power module includes an internal output over-voltage protection(OVP) circuit, which monitors the voltage
on the output terminals. If this voltage exceeds the OVP set point, the module will shut down, and then restart
after a fixed delay time (hiccup mode), please refer to figure8 for detail.
Over-Temperature Protection
The over-temperature protection consists of circuitry that provides protection from thermal damage. If the
temperature exceeds the preset temperature threshold the module will shut down,and all components will not
exceed their absolute maximum temperature ratings.The module will restart after the temperature is within
specification.
Remote On/Off
B40SR12424C has Enable control function. This Enable PIN is designed on the primary side of converter, the
converter will turn on when the Enable PIN connected to VIN+, and turn off when the Enable PIN connected to
VIN- or floating.
Figure 16: suggested Enable connection
Input Reverse Voltage Protection
The input reverse voltage protection is provided by an diode on the input line, the standoff voltage for the
reverse protection shall be no less than -60V.


Similar Part No. - B40SR12424b

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
B40S DIOTEC-B40S Datasheet
140Kb / 2P
   Surface Mount Si-Bridge Rectifiers
logo
Semikron International
B40S SEMIKRON-B40S Datasheet
164Kb / 2P
   Surface Mount Si-Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
B40S BILIN-B40S Datasheet
176Kb / 2P
   GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
logo
Diotec Semiconductor
B40S DIOTEC-B40S Datasheet
121Kb / 2P
   Surface Mount Si-Bridge-Rectifiers
B40S DIOTEC-B40S Datasheet
106Kb / 2P
   "Slim" Profile Surface Mount Si-Bridge-Rectifiers
More results

Similar Description - B40SR12424b

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
B62SR12424A DELTA-B62SR12424A Datasheet
862Kb / 12P
   12V Output DC/DC Converter, Box Type Package
B70SR12424A DELTA-B70SR12424A Datasheet
716Kb / 11P
   12V Output DC/DC Converter, Box Type Package
B70SR24125A DELTA-B70SR24125A Datasheet
935Kb / 12P
   24V Output DC/DC Converter, Box Type Package
B62SR24125A DELTA-B62SR24125A Datasheet
1,019Kb / 13P
   24V Output DC/DC Converter, Box Type Package
logo
Rohm
BP5122 ROHM-BP5122 Datasheet
560Kb / 3P
   DC/DC converter (-12V/100mA output)
logo
Delta Electronics, Inc.
PACSR12025 DELTA-PACSR12025 Datasheet
660Kb / 7P
   12V Output AC/DC Converter
PACSR12042 DELTA-PACSR12042 Datasheet
739Kb / 7P
   12V Output AC/DC Converter
logo
MORNSUN Science& Techno...
E0305KS-1W5 MORNSUN-E0305KS-1W5 Datasheet
166Kb / 2P
   OUTPUT SIP PACKAGE DC-DC CONVERTER
logo
PULS GmbH
CD5.121 PULS-CD5.121 Datasheet
599Kb / 22P
   DC/DC Converter 12V, 8A
logo
TAMURA Corporation.
SPM1203SJ TAMURA-SPM1203SJ Datasheet
360Kb / 7P
   DC DC CONVERTER 12V 4W
Rev.C Sep, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com