Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS21A-AU Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BAS21A-AU
Description  SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS21A-AU Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BAS21A-AU_17 Datasheet HTML 1Page - Pan Jit International Inc. BAS21A-AU_17 Datasheet HTML 2Page - Pan Jit International Inc. BAS21A-AU_17 Datasheet HTML 3Page - Pan Jit International Inc. BAS21A-AU_17 Datasheet HTML 4Page - Pan Jit International Inc. BAS21A-AU_17 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PBAS21A-AU~BAS21S-AU
April 18,2017-REV.03
Page 3
MOUNTING PAD LAYOUT
ORDER INFORMATION
˙Packing information
T/R
– 12K per 13" plastic Reel
T/R
– 3K per 7" plastic Reel


Similar Part No. - BAS21A-AU_17

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
BAS21A-A YEASHIN-BAS21A-A Datasheet
893Kb / 3P
   Switching Diode
More results

Similar Description - BAS21A-AU_17

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS21A PANJIT-BAS21A_17 Datasheet
260Kb / 5P
   SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
BAS21A PANJIT-BAS21A Datasheet
44Kb / 3P
   SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
BAS21A PANJIT-BAS21A_09 Datasheet
89Kb / 3P
   SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
logo
Central Semiconductor C...
CMLD2004 CENTRAL-CMLD2004 Datasheet
62Kb / 2P
   SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
CMLD2004 CENTRAL-CMLD2004_10 Datasheet
526Kb / 2P
   SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
logo
Pan Jit International I...
BAV201 PANJIT-BAV201_09 Datasheet
87Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
BAV101 PANJIT-BAV101_09 Datasheet
81Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
BAV201 PANJIT-BAV201 Datasheet
60Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
logo
Central Semiconductor C...
BAW101 CENTRAL-BAW101_11 Datasheet
428Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED HIGH VOLTAGE SILICON SWITCHING DIODES
logo
Pan Jit International I...
BAV301 PANJIT-BAV301 Datasheet
60Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com