Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C13869 Datasheet(PDF) 1 Page - Cree, Inc

Part # C13869
Description  Vanessa series
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C13869 Datasheet(HTML) 1 Page - Cree, Inc

  C13869 Datasheet HTML 1Page - Cree, Inc C13869 Datasheet HTML 2Page - Cree, Inc C13869 Datasheet HTML 3Page - Cree, Inc C13869 Datasheet HTML 4Page - Cree, Inc C13869 Datasheet HTML 5Page - Cree, Inc C13869 Datasheet HTML 6Page - Cree, Inc C13869 Datasheet HTML 7Page - Cree, Inc C13869 Datasheet HTML 8Page - Cree, Inc C13869 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
PRODUCT DATASHEET
Vanessa series
last update 31/1/2017
DETAILS
Product Number
C13869_VANESSA-B-S
Family
Vanessa
Type
Lens
Color
clear
Diameter
295x16 mm
Height
8 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
Status
production ready
ROHS Comliant
Yes
Date Updated
31/01/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-G
19 deg
Spot
94 %
4.019
-
XP-E
17 deg
Spot
94 %
4.923
-
XP-G2
19 deg
Spot
94 %
3.938
-
XT-E
19 deg
Spot
94 %
4.008
-
XB-D
sim: 20
Spot
sim: 92 % sim: 4.520 -
XP-E2
18 deg
Spot
88 %
4.670
-
LUXEON Rebel ES
19 deg
Spot
94 %
3.827
-
NVSxx19B/NVSxx19C
sim: 21
Spot
sim: 92 % sim: 3.800 -
Oslon Square EC
17 deg
Spot
94 %
4.180
-
Duris S5 (Single chip)
sim: 16
Spot
sim: 94 % sim: 6.900 -
June 15th 2017 7:44 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C13869

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13869 LEDIL-C13869 Datasheet
2Mb / 6P
   ~17째 spot beam
More results

Similar Description - C13869

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13871 CREE-C13871 Datasheet
876Kb / 13P
   Vanessa series
C13870 CREE-C13870 Datasheet
661Kb / 13P
   Vanessa series
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com