Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA10663 Datasheet(PDF) 1 Page - Cree, Inc

Part # FA10663
Description  Leila series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FA10663 Datasheet(HTML) 1 Page - Cree, Inc

  FA10663 Datasheet HTML 1Page - Cree, Inc FA10663 Datasheet HTML 2Page - Cree, Inc FA10663 Datasheet HTML 3Page - Cree, Inc FA10663 Datasheet HTML 4Page - Cree, Inc FA10663 Datasheet HTML 5Page - Cree, Inc FA10663 Datasheet HTML 6Page - Cree, Inc FA10663 Datasheet HTML 7Page - Cree, Inc FA10663 Datasheet HTML 8Page - Cree, Inc FA10663 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT DATASHEET
Leila series
last update 10/4/2014
DETAILS
Product Number
FA10663_LXP-D
Family
Leila
Type
Assembly
Color
black
Diameter
21,6 mm
Height
14,7 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape
Status
production ready
ROHS Comliant
Yes
Date Updated
10/04/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
12 deg
Diffuser
90 %
12.000
-
XP-G
15 deg
Diffuser
93 %
-
-
XP-E-HEW
14 deg
Diffuser
90 %
-
-
XP-L HI
14 deg
Diffuser
86 %
10.000
-
Z5
11 deg
Diffuser
-
-
-
June 15th 2017 4:59 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FA10663

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10663 LEDIL-FA10663 Datasheet
1Mb / 6P
   ~14째 diffused spot beam optimized for CREE XP-E
More results

Similar Description - FA10663

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN11456 CREE-FCN11456 Datasheet
67Kb / 2P
   Leila series
CA11483 CREE-CA11483 Datasheet
1Mb / 23P
   Leila series
FCN10786 CREE-FCN10786 Datasheet
250Kb / 3P
   Leila series
FA10661 CREE-FA10661 Datasheet
423Kb / 9P
   Leila series
FA10660 CREE-FA10660 Datasheet
816Kb / 13P
   Leila series
C13353 CREE-C13353 Datasheet
2Mb / 42P
   Leila series
CA12844 CREE-CA12844 Datasheet
245Kb / 5P
   Leila series
CP12583 CREE-CP12583 Datasheet
229Kb / 4P
   Leila series
CA12665 CREE-CA12665 Datasheet
232Kb / 5P
   Leila series
FA10695 CREE-FA10695 Datasheet
270Kb / 3P
   Leila series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com