Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACVGA105 Datasheet(PDF) 2 Page - ON Semiconductor

Part # PACVGA105
Description  VGA Port Companion Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACVGA105 Datasheet(HTML) 2 Page - ON Semiconductor

  PACVGA105_11 Datasheet HTML 1Page - ON Semiconductor PACVGA105_11 Datasheet HTML 2Page - ON Semiconductor PACVGA105_11 Datasheet HTML 3Page - ON Semiconductor PACVGA105_11 Datasheet HTML 4Page - ON Semiconductor PACVGA105_11 Datasheet HTML 5Page - ON Semiconductor PACVGA105_11 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PACVGA105
http://onsemi.com
2
SIMPLIFIED ELECTRICAL SCHEMATIC
GNDA
B
G
R
VRGB
HSYNC
VSYNC
DDC_DATA
DDC_CLK
VCC
VAUX
VSYNC_OUT
HSYNC_OUT
50 kW
50 kW
1.8 kW
1.8 kW
GNDD
PACKAGE / PINOUT DIAGRAMS
16−Pin QSOP
HSYNC_OUT
1
2
3
9
16
Top View
VCC
4
5
6
7
8
10
11
12
13
15
14
HSYNC
GNDD
VRGB
B
G
R
GNDA
VSYNC_OUT
VSYNC
VAUX
DDC_CLK
GNDD
VCC
DDC_DATA
Table 1. PIN DESCRIPTIONS
Lead(s)
Name
Description
1
HSYNC_OUT
Horizontal sync signal buffer output. Connects to the video connector side of the horizontal sync line.
2
HSYNC
Horizontal sync signal buffer input. Connects to the VGA Controller side of the horizontal sync line.
3, 11
GNDD
Digital ground reference supply pin.
4
VRGB
VRGB supply pin. This is an isolated supply pin for the R, G and B ESD protection circuits.
5
B
Blue signal video protection channel. This pin is typically tied to the B video line between the VGA
controller device and the video connector.
6
G
Green signal video protection channel. This pin is typically tied to the G video line between the VGA
controller device and the video connector.
7
R
Red signal video protection channel. This pin is typically tied to the R video line between the VGA
controller device and the video connector.
8
GNDA
Analog ground reference supply pin.
9, 16
VCC
VCC supply pin. This is the main supply input for the DDC_CLK and DDC_DATA pullup resistors and
ESD protection circuits. It is also connected to the sync buffers and to the ESD protection diodes
present on the HSYNC_OUT and VSYNC_OUT lines.
10
DDC_DATA
DDC data pin.
12
DDC_CLK
DDC clock pin.
13
VAUX
VAUX supply pin. This is the supply input for the 50 kW pullups connected to the HSYNC and VSYNC
buffer inputs.
14
VSYNC
Vertical sync signal buffer input. Connects to the VGA Controller side of the vertical sync line.
15
VSYNC_OUT
Vertical sync signal buffer output. Connects to the video connector side of the vertical sync line.


Similar Part No. - PACVGA105_11

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACVGA105Q CALMIRCO-PACVGA105Q Datasheet
91Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA105Q ONSEMI-PACVGA105Q Datasheet
115Kb / 9P
   VGA Port Companion Circuit
May 2010 Rev. 2
logo
California Micro Device...
PACVGA105QR CALMIRCO-PACVGA105QR Datasheet
91Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA105QR ONSEMI-PACVGA105QR Datasheet
115Kb / 9P
   VGA Port Companion Circuit
May 2010 Rev. 2
More results

Similar Description - PACVGA105_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACVGA201 ONSEMI-PACVGA201 Datasheet
99Kb / 8P
   VGA Port Companion Circuit
May 2010 Rev. 3
logo
Unisonic Technologies
CCVGA7C5 UTC-CCVGA7C5 Datasheet
181Kb / 6P
   VGA PORT COMPANION CIRCUIT
logo
California Micro Device...
PACVGA203 CALMIRCO-PACVGA203 Datasheet
177Kb / 8P
   VGA Port Companion Circuit
PACVGA200 CALMIRCO-PACVGA200 Datasheet
131Kb / 3P
   VGA PORT COMPANION CIRCUIT
CM2009 CALMIRCO-CM2009 Datasheet
116Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200_11 Datasheet
167Kb / 8P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
logo
California Micro Device...
PACVGA201 CALMIRCO-PACVGA201 Datasheet
129Kb / 3P
   VGA PORT COMPANION CIRCUIT
PACVGA105 CALMIRCO-PACVGA105 Datasheet
91Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200 Datasheet
129Kb / 10P
   VGA Port Companion Circuit
May 2010 Rev. 2
CM2009 ONSEMI-CM2009 Datasheet
140Kb / 6P
   VGA Port Companion Circuit
May, 2012 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com