Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACVGA201 Datasheet(PDF) 3 Page - ON Semiconductor

Part # PACVGA201
Description  VGA Port Companion Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACVGA201 Datasheet(HTML) 3 Page - ON Semiconductor

  PACVGA201 Datasheet HTML 1Page - ON Semiconductor PACVGA201 Datasheet HTML 2Page - ON Semiconductor PACVGA201 Datasheet HTML 3Page - ON Semiconductor PACVGA201 Datasheet HTML 4Page - ON Semiconductor PACVGA201 Datasheet HTML 5Page - ON Semiconductor PACVGA201 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PACVGA201
http://onsemi.com
3
Table 1. PIN DESCRIPTIONS
Pin(s)
Name
Description
1
VCC3
VCC3 supply pin. This is an isolated supply input for the two sync buffers and SD1 and SD2 ESD
protection circuits.
2
VCC1
VCC1 supply pin. This is an isolated supply pin for the VIDEO_1, VIDEO_2 and VIDEO_3 ESD
protection circuits.
3
VIDEO_1
Video signal ESD protection channel. This pin is typically tied one of the video lines between the VGA
controller device and the video connector.
4
VIDEO_2
Video signal ESD protection channel. This pin is typically tied one of the video lines between the VGA
controller device and the video connector.
5
VIDEO_3
Video signal ESD protection channel. This pin is typically tied one of the video lines between the VGA
controller device and the video connector.
6
GND
Ground reference supply pin.
7
PWR_UP
Enables the sync buffers when high. When PWR_UP is low the sync outputs are forced low and the
inputs can be floated.
8
VCC2
VCC2 supply pin. This is an isolated supply pin for the DDC_OUT1 and DDC_OUT2 ESD protection
circuits. Internally, VCC2 is derived from the VCC3 input if the VCC2 input is not connected to a supply
voltage.
9
DDC_OUT1
DDC_OUT1 ESD protection channel.
10
DDC_OUT2
DDC_OUT2 ESD protection channel.
11
SYNC_IN1
Sync signal buffer input. Connects to the VGA Controller side of one of the sync lines.
12
SYNC_OUT1
Sync signal buffer output. Connects to the video connector side of one of the sync lines.
13
SYNC_IN2
Sync signal buffer input. Connects to the VGA Controller side of one of the sync lines.
14
SYNC_OUT2
Sync signal buffer output. Connects to the video connector side of one of the sync lines.
15
SD1
ESD protection channel input.
16
SD2
ESD protection channel input.
SPECIFICATIONS
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
VCC1, VCC2 and VCC3 Supply Voltage Inputs
[GND − 0.5] to +6.0
V
Diode Forward Current (One Diode Conducting at a Time)
20
mA
DC Voltage at Inputs
VIDEO_1, VIDEO_2, VIDEO_3
DDC_OUT1, DDC_OUT2
SYNC_IN1, SYNC_IN2
[GND − 0.5] to [VCC1 + 0.5]
[GND − 0.5] to [VCC2 + 0.5]
[GND − 0.5] to [VCC3 + 0.5]
V
Operating Temperature Range
0 to +70
C
Storage Temperature Range
−65 to +150
C
Package Power Rating
750
mW
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - PACVGA201

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACVGA201 CALMIRCO-PACVGA201 Datasheet
129Kb / 3P
   VGA PORT COMPANION CIRCUIT
logo
ON Semiconductor
PACVGA201 ONSEMI-PACVGA201 Datasheet
99Kb / 8P
   VGA Port Companion Circuit
May 2010 Rev. 3
logo
California Micro Device...
PACVGA201Q CALMIRCO-PACVGA201Q Datasheet
129Kb / 3P
   VGA PORT COMPANION CIRCUIT
logo
ON Semiconductor
PACVGA201QR ONSEMI-PACVGA201QR Datasheet
99Kb / 8P
   VGA Port Companion Circuit
May 2010 Rev. 3
More results

Similar Description - PACVGA201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACVGA201 ONSEMI-PACVGA201 Datasheet
99Kb / 8P
   VGA Port Companion Circuit
May 2010 Rev. 3
logo
Unisonic Technologies
CCVGA7C5 UTC-CCVGA7C5 Datasheet
181Kb / 6P
   VGA PORT COMPANION CIRCUIT
logo
California Micro Device...
PACVGA203 CALMIRCO-PACVGA203 Datasheet
177Kb / 8P
   VGA Port Companion Circuit
PACVGA200 CALMIRCO-PACVGA200 Datasheet
131Kb / 3P
   VGA PORT COMPANION CIRCUIT
CM2009 CALMIRCO-CM2009 Datasheet
116Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200_11 Datasheet
167Kb / 8P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
logo
California Micro Device...
PACVGA201 CALMIRCO-PACVGA201 Datasheet
129Kb / 3P
   VGA PORT COMPANION CIRCUIT
PACVGA105 CALMIRCO-PACVGA105 Datasheet
91Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200 Datasheet
129Kb / 10P
   VGA Port Companion Circuit
May 2010 Rev. 2
CM2009 ONSEMI-CM2009 Datasheet
140Kb / 6P
   VGA Port Companion Circuit
May, 2012 ??Rev. 5
PACVGA105 ONSEMI-PACVGA105_11 Datasheet
120Kb / 6P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com