Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACDN006SM Datasheet(PDF) 2 Page - ON Semiconductor

Part # PACDN006SM
Description  6-Channel ESD Protection Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN006SM Datasheet(HTML) 2 Page - ON Semiconductor

  PACDN006SM Datasheet HTML 1Page - ON Semiconductor PACDN006SM Datasheet HTML 2Page - ON Semiconductor PACDN006SM Datasheet HTML 3Page - ON Semiconductor PACDN006SM Datasheet HTML 4Page - ON Semiconductor PACDN006SM Datasheet HTML 5Page - ON Semiconductor PACDN006SM Datasheet HTML 6Page - ON Semiconductor PACDN006SM Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PACDN006
http://onsemi.com
2
TYPICAL APPLICATION CIRCUIT
0.22 mF*
Expansion
Connector
VCC
PACDN006
Handheld/PDA ESD Protection
* Decoupling capacitor must be placed as close as possible to Pin7.
2 4 5 6 8
1
37
I/O Port
Buffers
PACKAGE / PINOUT DIAGRAMS
Top View
8−Pin MSOP−8
VN
1
4
VP
CH4
8
5
CH1
27
36
CH2
CH3
CH5
CH6
Top View
8−Pin SOIC−8
VN
1
4
8
5
CH1
27
36
CH2
CH3
VP
CH4
CH5
CH6
Table 1. PIN DESCRIPTIONS
Pin
Name
Type
Description
1
CH1
I/O
ESD Channel
2
CH2
I/O
ESD Channel
3
VN
GND
Negative Voltage Supply Rail or Ground Reference Rail
4
CH3
I/O
ESD Channel
5
CH4
I/O
ESD Channel
6
CH5
I/O
ESD Channel
7
VP
Supply
Positive Voltage Supply Rail
8
CH6
I/O
ESD Channel


Similar Part No. - PACDN006SM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACDN006SM ONSEMI-PACDN006SM Datasheet
117Kb / 9P
   6-Channel ESD Protection Array
May 2010 Rev. 4
More results

Similar Description - PACDN006SM

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN006 CALMIRCO-PACDN006 Datasheet
82Kb / 3P
   6 CHANNEL ESD PROTECTION ARRAY
logo
ON Semiconductor
PACDN006 ONSEMI-PACDN006 Datasheet
117Kb / 9P
   6-Channel ESD Protection Array
May 2010 Rev. 4
logo
California Micro Device...
PACDN006S CALMIRCO-PACDN006S Datasheet
255Kb / 6P
   6 CHANNEL ESD PROTECTION ARRAY
1999
CM1400-03 CALMIRCO-CM1400-03 Datasheet
623Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
Allegro MicroSystems
CM1440 ALLEGRO-CM1440 Datasheet
802Kb / 9P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400 ONSEMI-CM1400 Datasheet
742Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1440 ONSEMI-CM1440 Datasheet
429Kb / 12P
   6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
Shanghai Leiditech Elec...
ULC0506N LEIDITECH-ULC0506N Datasheet
395Kb / 3P
   6-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
logo
California Micro Device...
CSPEMI306A CALMIRCO-CSPEMI306A Datasheet
2Mb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
HY ELECTRONIC CORP.
HYESD1065M HY-HYESD1065M Datasheet
298Kb / 4P
   6 Channel Low Capacitance ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com