Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8ETH03-1 Datasheet(PDF) 3 Page - International Rectifier

Part # 8ETH03-1
Description  Ultrafast Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8ETH03-1 Datasheet(HTML) 3 Page - International Rectifier

  8ETH03-1 Datasheet HTML 1Page - International Rectifier 8ETH03-1 Datasheet HTML 2Page - International Rectifier 8ETH03-1 Datasheet HTML 3Page - International Rectifier 8ETH03-1 Datasheet HTML 4Page - International Rectifier 8ETH03-1 Datasheet HTML 5Page - International Rectifier 8ETH03-1 Datasheet HTML 6Page - International Rectifier 8ETH03-1 Datasheet HTML 7Page - International Rectifier 8ETH03-1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
8ETH03, 8ETH03S, 8ETH03-1
Bulletin PD-20023 rev. C 09/01
www.irf.com
Fig. 1 - Typical Forward Voltage Drop Characteristics
Reverse Voltage - V
R (V)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Forward Voltage Drop - V
FM (V)
Reverse Voltage - V
R (V)
Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
t1, Rectangular Pulse Duration (Seconds)
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Tj = 175˚C
Tj = 125˚C
Tj = 25˚C
0.001
0.01
0.1
1
10
100
1000
0
50
100
150
200
250
300
Tj = 175˚C
25˚C
100˚C
125˚C
150˚C
10
100
1000
0
50
100
150
200
250
300
T = 25˚C
J
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Single Pulse
(Thermal Resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
2
t
1
t
P
DM
Notes:
1. Duty factor D = t1/ t2
.
2. Peak Tj = Pdm x ZthJC + Tc
.


Similar Part No. - 8ETH03-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETH03-1 VISHAY-8ETH03-1 Datasheet
131Kb / 7P
   Hyperfast Rectifier,8 A FRED PtTM
Revision: 08-Sep-08
8ETH03-1PBF VISHAY-8ETH03-1PBF Datasheet
122Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 21-May-08
8ETH03-1PBF VISHAY-8ETH03-1PBF Datasheet
185Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
8ETH03-1TRL VISHAY-8ETH03-1TRL Datasheet
131Kb / 7P
   Hyperfast Rectifier,8 A FRED PtTM
Revision: 08-Sep-08
8ETH03-1TRLPBF VISHAY-8ETH03-1TRLPBF Datasheet
122Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 21-May-08
More results

Similar Description - 8ETH03-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04PBF IRF-16CTU04PBF Datasheet
194Kb / 8P
   Ultrafast Rectifier
MUR1520 IRF-MUR1520_06 Datasheet
191Kb / 8P
   Ultrafast Rectifier
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
   ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
   Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
   Ultrafast Rectifier
logo
Solid States Devices, I...
RC0090 SSDI-RC0090 Datasheet
170Kb / 2P
   Ultrafast Rectifier
logo
Lucky Light Electronic
VS-MUR1620CTPBF LUCKY-LIGHT-VS-MUR1620CTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Kersemi Electronic Co.,...
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
   ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF5400G CHONGQING-UF5400G Datasheet
39Kb / 1P
   ULTRAFAST RECTIFIER
US1A CHONGQING-US1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com