Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6685AU40L Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6685AU40L
Description  Dual-Output Remote-Junction Temperature Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6685AU40L Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX6685AU40L Datasheet HTML 1Page - Maxim Integrated Products MAX6685AU40L Datasheet HTML 2Page - Maxim Integrated Products MAX6685AU40L Datasheet HTML 3Page - Maxim Integrated Products MAX6685AU40L Datasheet HTML 4Page - Maxim Integrated Products MAX6685AU40L Datasheet HTML 5Page - Maxim Integrated Products MAX6685AU40L Datasheet HTML 6Page - Maxim Integrated Products MAX6685AU40L Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Dual-Output Remote-Junction
Temperature Switches
6
_______________________________________________________________________________________
TOP VIEW
TLOW
TH GH
DXN
1
2
8
7
S2
S1
GND
DXP
VDD
µMAX
3
4
6
5
MAX6685
TLOW
THIGH
DXN
1
2
8
7
S2
S1
GND
DXP
VDD
µMAX
3
4
6
5
MAX6686
Pin Configurations
Chip Information
TRANSISTOR COUNT: 7765
PROCESS: BiCMOS


Similar Part No. - MAX6685AU40L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX668 MAXIM-MAX668 Datasheet
326Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
Rev 0a; 8/98
MAX668 MAXIM-MAX668 Datasheet
294Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 1; 1/02
MAX668 MAXIM-MAX668 Datasheet
341Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 2; 1/12
MAX668 MAXIM-MAX668 Datasheet
82Kb / 6P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0a; 8/98
MAX668-MAX669 MAXIM-MAX668-MAX669 Datasheet
326Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
Rev 0a; 8/98
More results

Similar Description - MAX6685AU40L

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G718 GMT-G718 Datasheet
81Kb / 1P
   Dual Remote Resistor-Programmable Temperature Switches
logo
BCD Semiconductor Manuf...
AP2602 BCDSEMI-AP2602 Datasheet
408Kb / 12P
   Octave Remote Resistor-programmable Temperature Switches
logo
Global Mixed-mode Techn...
G717 GMT-G717 Datasheet
37Kb / 1P
   Octave Remote Resistor-Programmable Temperature switches
logo
Maxim Integrated Produc...
MAX6511 MAXIM-MAX6511 Datasheet
589Kb / 8P
   Low-Cost, Remote SOT Temperature Switches
Rev 2; 10/04
MAX6670 MAXIM-MAX6670 Datasheet
217Kb / 8P
   Remote Temperature Switches with Integrated Fan Controller/Driver
Rev 2; 11/02
logo
Amphenol Wilcoxon Sensi...
VLD WILCOXON-VLD Datasheet
287Kb / 2P
   Dual output switchable junction boxes
Rev.B.1 10/18
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670 Datasheet
239Kb / 12P
   Dual-Input, Dual-Output Load Switches
logo
Maxim Integrated Produc...
MAX6505 MAXIM-MAX6505 Datasheet
233Kb / 12P
   Dual Trip SOT Temperature Switches
Rev 1; 4/00
MAX6506 MAXIM-MAX6506 Datasheet
241Kb / 12P
   Dual Trip SOT Temperature Switches
Rev 1; 4/00
MAX6687 MAXIM-MAX6687 Datasheet
138Kb / 7P
   Local/Remote Temperature Switches in a 關MAX Package
Rev 2; 11/03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com