Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6685AU75L Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6685AU75L
Description  Dual-Output Remote-Junction Temperature Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6685AU75L Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX6685AU75L Datasheet HTML 1Page - Maxim Integrated Products MAX6685AU75L Datasheet HTML 2Page - Maxim Integrated Products MAX6685AU75L Datasheet HTML 3Page - Maxim Integrated Products MAX6685AU75L Datasheet HTML 4Page - Maxim Integrated Products MAX6685AU75L Datasheet HTML 5Page - Maxim Integrated Products MAX6685AU75L Datasheet HTML 6Page - Maxim Integrated Products MAX6685AU75L Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Dual-Output Remote-Junction
Temperature Switches
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 _____________________ 7
© 2003 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)
PACKAGE OUTLINE, 8L uMAX/uSOP
1
1
21-0036
J
REV
DOCUMENT CONTROL NO
APPROVAL
PROPRIETARY INFORMATION
TITLE
MAX
0.043
0.006
0.014
0.120
0.120
0.198
0.026
0.007
0.037
0.0207 BSC
0.0256 BSC
A2
A1
c
e
b
A
L
FRONT VIEW
SIDE VIEW
E
H
0.6±0.1
0.6±0.1
ÿ 0.50±0.1
1
TOP VIEW
D
8
A2
0.030
BOTTOM VIEW
1
6∞
S
b
L
H
E
D
e
c
0∞
0.010
0.116
0.116
0.188
0.016
0.005
8
4X S
INCHES
-
A1
A
MIN
0.002
0.95
0.75
0.5250 BSC
0.25
0.36
2.95
3.05
2.95
3.05
4.78
0.41
0.65 BSC
5.03
0.66
6∞
0∞
0.13
0.18
MAX
MIN
MILLIMETERS
-
1.10
0.05
0.15
α
α
DIM


Similar Part No. - MAX6685AU75L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX668 MAXIM-MAX668 Datasheet
326Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
Rev 0a; 8/98
MAX668 MAXIM-MAX668 Datasheet
294Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 1; 1/02
MAX668 MAXIM-MAX668 Datasheet
341Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 2; 1/12
MAX668 MAXIM-MAX668 Datasheet
82Kb / 6P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0a; 8/98
MAX668-MAX669 MAXIM-MAX668-MAX669 Datasheet
326Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
Rev 0a; 8/98
More results

Similar Description - MAX6685AU75L

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G718 GMT-G718 Datasheet
81Kb / 1P
   Dual Remote Resistor-Programmable Temperature Switches
logo
BCD Semiconductor Manuf...
AP2602 BCDSEMI-AP2602 Datasheet
408Kb / 12P
   Octave Remote Resistor-programmable Temperature Switches
logo
Global Mixed-mode Techn...
G717 GMT-G717 Datasheet
37Kb / 1P
   Octave Remote Resistor-Programmable Temperature switches
logo
Maxim Integrated Produc...
MAX6511 MAXIM-MAX6511 Datasheet
589Kb / 8P
   Low-Cost, Remote SOT Temperature Switches
Rev 2; 10/04
MAX6670 MAXIM-MAX6670 Datasheet
217Kb / 8P
   Remote Temperature Switches with Integrated Fan Controller/Driver
Rev 2; 11/02
logo
Amphenol Wilcoxon Sensi...
VLD WILCOXON-VLD Datasheet
287Kb / 2P
   Dual output switchable junction boxes
Rev.B.1 10/18
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670 Datasheet
239Kb / 12P
   Dual-Input, Dual-Output Load Switches
logo
Maxim Integrated Produc...
MAX6505 MAXIM-MAX6505 Datasheet
233Kb / 12P
   Dual Trip SOT Temperature Switches
Rev 1; 4/00
MAX6506 MAXIM-MAX6506 Datasheet
241Kb / 12P
   Dual Trip SOT Temperature Switches
Rev 1; 4/00
MAX6687 MAXIM-MAX6687 Datasheet
138Kb / 7P
   Local/Remote Temperature Switches in a 關MAX Package
Rev 2; 11/03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com