Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8840ELT18T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8840ELT18T
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8840ELT18T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8840ELT18T Datasheet HTML 1Page - Maxim Integrated Products MAX8840ELT18T Datasheet HTML 2Page - Maxim Integrated Products MAX8840ELT18T Datasheet HTML 3Page - Maxim Integrated Products MAX8840ELT18T Datasheet HTML 4Page - Maxim Integrated Products MAX8840ELT18T Datasheet HTML 5Page - Maxim Integrated Products MAX8840ELT18T Datasheet HTML 6Page - Maxim Integrated Products MAX8840ELT18T Datasheet HTML 7Page - Maxim Integrated Products MAX8840ELT18T Datasheet HTML 8Page - Maxim Integrated Products MAX8840ELT18T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX8840/MAX8841/MAX8842 ultra-low-noise, low-
dropout (LDO) linear regulators are designed to deliver
up to 150mA continuous output current. These regula-
tors achieve a low 120mV dropout for 120mA load cur-
rent. The MAX8840 uses an advanced architecture to
achieve ultra-low output voltage noise of 11µVRMS and
PSRR of 54dB at 100kHz.
The MAX8841 does not require a bypass capacitor,
hence achieving the smallest PC board area. The
MAX8842 output voltage can be adjusted with an exter-
nal divider.
The MAX8840/MAX8841 are preset to a variety of volt-
ages in the 1.5V to 4.5V range. Designed with a p-channel
MOSFET series pass transistor, the MAX8840/MAX8841/
MAX8842 maintain very low ground current (40µA).
The regulators are designed and optimized to work with
low-value, low-cost ceramic capacitors. The MAX8840
requires only 1µF (typ) of output capacitance for stability
with any load. When disabled, current consumption drops
to below 1µA.
The MAX8840/MAX8841/MAX8842 are available in a tiny
1mm x 1.5mm x 0.8mm µDFN.
Applications
Cellular and Cordless Phones
PDA and Palmtop Computers
Base Stations
Bluetooth Portable Radios and Accessories
Wireless LANs
Digital Cameras
Personal Stereos
Portable and Battery-Powered Equipment
Features
♦ Space-Saving 1.0mm x 1.5mm x 0.8mm µDFN
♦ 11µVRMS Output Noise at 100Hz to 100kHz
Bandwidth (MAX8840)
♦ 78dB PSRR at 1kHz (MAX8840)
♦ 120mV Dropout at 120mA Load
♦ Stable with 1µF Ceramic Capacitor for Any Load
♦ Guaranteed 150mA Output
♦ Only Need Input and Output Capacitors (MAX8841)
♦ Output Voltages: 1.5V, 1.8V, 2.5V, 2.6V, 2.7V, 2.8V,
2.85V, 3V, 3.3V, 4.5V (MAX8840/MAX8841) and
Adjustable (MAX8842)
♦ Low 40µA Ground Current
♦ Excellent Load/Line Transient
♦ Overcurrent and Thermal Protection
Ultra-Low-Noise, High PSRR, Low-Dropout,
150mA Linear Regulators in µDFN
________________________________________________________________ Maxim Integrated Products
1
μDFN
(1.5mm x 1.0mm)
TOP VIEW
GND
BP (MAX8840)
N.C. (MAX8841)
FB (MAX8842)
SHDN
1
2
3
6
4
OUT
5 N.C.
IN
MAX8840
MAX8841
MAX8842
Pin Configuration
Ordering Information
MAX8840
OUTPUT PRESET
1 5V TO 4 5V
IN
INPUT
2V TO 6V
OFF
SHDN
CBP
10nF
COUT
1
μF
CIN
1
μF
OUT
ON
BP
GND
Typical Operating Circuits
19-0629; Rev 0; 10/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*xy is the output voltage code (see the Output Voltage Selector
Guide). Other versions between 1.5V and 4.5V are available in
100mV increments. Contact factory for other versions.
**Future product—contact factory for availability.
+Denotes lead-free package.
PART*
TEMP RANGE
PIN-PACKAGE
MAX8840ELTxy+T
-40°C to +85°C
6 µDFN-6
1.5mm x 1.0mm
MAX8841ELTxy+T**
-40°C to +85°C
6 µDFN-6
1.5mm x 1.0mm
MAX8842ELT+T**
-40°C to +85°C
6 µDFN-6
1.5mm x 1.0mm
Typical Operating Circuits continued at end of data sheet.
Output Voltage Selector Guide appears at end of data sheet.


Similar Part No. - MAX8840ELT18T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8840ELT18+T MAXIM-MAX8840ELT18+T Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8840ELT18+T MAXIM-MAX8840ELT18+T Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
More results

Similar Description - MAX8840ELT18T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
logo
ams AG
AS1358 AMSCO-AS1358_04 Datasheet
1Mb / 17P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358_1 Datasheet
715Kb / 14P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358 Datasheet
82Kb / 2P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com