Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73K324L-IP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 73K324L-IP
Description  CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

73K324L-IP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  73K324L-IP Datasheet HTML 1Page - List of Unclassifed Manufacturers 73K324L-IP Datasheet HTML 2Page - List of Unclassifed Manufacturers 73K324L-IP Datasheet HTML 3Page - List of Unclassifed Manufacturers 73K324L-IP Datasheet HTML 4Page - List of Unclassifed Manufacturers 73K324L-IP Datasheet HTML 5Page - List of Unclassifed Manufacturers 73K324L-IP Datasheet HTML 6Page - List of Unclassifed Manufacturers 73K324L-IP Datasheet HTML 7Page - List of Unclassifed Manufacturers 73K324L-IP Datasheet HTML 8Page - List of Unclassifed Manufacturers 73K324L-IP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
73K324L
CCITT V.22bis, V.22, V.21, V.23, Bell 212A
Single-Chip Modem
2
DESCRIPTION (continued)
The 73K324L offers full hardware and software
compatibility
with
other
products
in
TDK
Semiconductor's
K-Series
family
of
single-chip
modems, allowing system upgrades with a single
component change. The 73K324L is ideal for use in
free-standing or integral system modem products
where full-duplex 2400 bit/s operation with Alternate
mode capability is required. Its high functionality, low
power consumption, and efficient packaging simplify
design requirements and increase system reliability.
A complete modem requires only the addition of the
phone line interface, a control microprocessor, and
RS-232 level converters for a typical system.
The 73K324L is designed to provide a complete
V.22bis, V.22, Bell 212A, V.21, and V.23 compatible
modem on a chip. Many functions were included to
simplify implementation in typical modem designs. In
addition to the basic 2400 bit/s QAM, 1200/600 bit/s
DPSK
and
1200/300/75
bit/s
FSK
modulator/demodulator sections, the device also
includes synch/asynch buffering, DTMF, answer,
soft
carrier,
guard,
and
calling
tone
generator
capabilities. Handshake pattern detectors simplify
control of connect sequences, and precise tone
detectors allow accurate detection of call progress,
answer, calling, and soft carrier turn off tones. All
Operating
modes
defined
by
the
incorporated
standards
are
included,
and
Test
modes
are
provided. Most functions are selectable as options,
and logical defaults are provided. The device can be
directly interfaced to a microprocessor via its 8-bit
multiplexed address/data bus for control and status
monitoring.
Data
communications
takes
place
through a separate serial port. Data may also be
sent and received through the control registers. This
simplifies designs requiring speed buffering, error
control and compression.
FUNCTIONAL DESCRIPTION
QAM MODULATOR/DEMODULATOR
The 73K324L encodes incoming data into quad-bits
represented by 16 possible signal points with
specific phase and amplitude levels. The baseband
signal
is
then
filtered
to
reduce
intersymbol
interference on the bandlimited telephone network.
The modulator transmits this encoded data using
either a 1200 Hz (Originate mode) or 2400 Hz
(Answer mode) carrier. The demodulator, although
more complex, essentially reverses this procedure
while also recovering the data clock from the
incoming signal. Adaptive equalization corrects for
varying line conditions by automatically changing
filter
parameters
to
compensate
for
line
characteristics.
DPSK MODULATOR/DEMODULATOR
The 73K324L modulates a serial bit stream into
di-bit pairs that are represented by four possible
phase shifts as prescribed by the Bell 212A/V.22
standards. The baseband signal is then filtered to
reduce intersymbol interference on the bandlimited
2-wire PSTN line. Transmission occurs on either a
1200 Hz (Originate mode) or 2400 Hz carrier
(Answer mode). Demodulation is the reverse of the
modulation process, with the incoming analog signal
eventually decoded into di-bits and converted back
to a serial bit stream. The demodulator also recovers
the clock, which was encoded into the analog signal
during modulation. Demodulation occurs using either
a 1200 Hz carrier (Answer mode or ALB Originate
mode) or a 2400 Hz carrier (Originate mode or ALB
Answer mode). The 73K324L use a phase locked
loop coherent demodulation technique that offers
excellent performance. Adaptive equalization is also
used in DPSK modes for optimum operation with
varying lines.
FSK MODULATOR/DEMODULATOR
The
FSK
modulator/demodulator
produces
a
frequency modulated analog output signal using two
discrete frequencies to represent the binary data.
V.21 frequencies of 980 and 1180 Hz (originate
mark and space), or 1650 and 1850 Hz (answer
mark and space) are used in V.21 mode. V.23 mode
uses 1300 and 2100 Hz for the main channel or 390
and 450 Hz for the back channel. Demodulation
involves detecting the received frequencies and
decoding them into the appropriate binary value.
The rate converter and scrambler/descrambler are
automatically bypassed in the FSK modes.
PASSBAND FILTERS AND EQUALIZERS
High and low band filters are included to shape the
amplitude and phase response of the transmit and
receive signals and to provide compromise delay
equalization as well as rejection of out-of-band
signals. The transmit signal filtering corresponds to a
√&%%
raised
cosine
frequency
response
characteristic.


Similar Part No. - 73K324L-IP

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73K324L-28IH/F TERIDIAN-73K324L-28IH/F Datasheet
244Kb / 30P
   Single-Chip Modem
73K324L-28IHR/F TERIDIAN-73K324L-28IHR/F Datasheet
244Kb / 30P
   Single-Chip Modem
More results

Similar Description - 73K324L-IP

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
CML Microcircuits
CMX644A CMLMICRO-CMX644A Datasheet
1Mb / 34P
   V.22 and Bell 212A Modem
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com