Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC11520 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74AC11520
Description  8-BIT IDENTITY COMPARATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11520 Datasheet(HTML) 5 Page - Texas Instruments

  74AC11520 Datasheet HTML 1Page - Texas Instruments 74AC11520 Datasheet HTML 2Page - Texas Instruments 74AC11520 Datasheet HTML 3Page - Texas Instruments 74AC11520 Datasheet HTML 4Page - Texas Instruments 74AC11520 Datasheet HTML 5Page - Texas Instruments 74AC11520 Datasheet HTML 6Page - Texas Instruments 74AC11520 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
S
74AC11520
8-BIT IDENTITY COMPARATOR
SCAS025C – JULY 1987 – REVISED APRIL 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
3 V
2.9
2.9
2.9
IOH = –50 mA
4.5 V
4.4
4.4
5.5 V
5.4
5.4
VOH
IOH = –4 mA
3 V
2.58
2.48
V
IOH
4.5 V
3.94
3.8
IOH = –24 mA
5.5 V
4.94
4.8
IOH = –75 mA{
5.5 V
3.85
3 V
0.1
0.1
IOL = 50 mA
4.5 V
0.1
0.1
5.5 V
0.1
0.1
VOL
IOL = 12 mA
3 V
0.36
0.44
V
IOL
4.5 V
0.36
0.44
IOL = 24 mA
5.5 V
0.36
0.44
IOL = 75 mA{
5.5 V
1.65
IIH
VI = VCC,
Q inputs only
5.5 V
10
10
mA
IIL
VI = GND,
Q inputs only
5.5 V
–0.3
–0.6
–1
mA
II
VI = VCC or GND,
P and G inputs only
5.5 V
±0.1
±1
mA
ICC
Q inputs at GND,
Other inputs VI = VCC or GND
5.5 V
2.3
4.8
8
mA
ICC
Q inputs open,
Other inputs VI = VCC or GND
5.5 V
8
80
mA
Ci
VI = VCC or GND
5 V
3.5
pF
† Not more than one output or input should be tested at a time and the duration of the test should not exceed 10 ms.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
1.5
12
16.5
1.5
18.6
ns
tPHL
P or Q
P = Q
1.5
10.4
14.4
1.5
16.3
ns
tPLH
G
1.5
6.9
9
1.5
10
ns
tPHL
G
P = Q
1.5
6.3
8.6
1.5
9.5
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(INPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
1.5
8.1
11.1
1.5
12.6
ns
tPHL
P or Q
P = Q
1.5
7.1
10.1
1.5
11.3
ns
tPLH
G
1.5
4.9
6.6
1.5
7.4
ns
tPHL
G
P = Q
1.5
4.8
7.1
1.5
7.8
ns


Similar Part No. - 74AC11520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11520 TI1-74AC11520 Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
74AC11520N TI1-74AC11520N Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
More results

Similar Description - 74AC11520

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
   8-Bit Identity Comparator
74AC520 FAIRCHILD-74AC520_07 Datasheet
282Kb / 11P
   8-Bit Identity Comparator
logo
National Semiconductor ...
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
   8-Bit Identity Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
   8-Bit Identity Comparator
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54F521DM NSC-54F521DM Datasheet
165Kb / 8P
   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74F521 FAIRCHILD-74F521 Datasheet
82Kb / 8P
   8-Bit Identity Comparator
logo
Texas Instruments
54AC520 TI1-54AC520 Datasheet
220Kb / 11P
[Old version datasheet]   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74AC521 FAIRCHILD-74AC521 Datasheet
115Kb / 9P
   8-Bit Identity Comparator
logo
NXP Semiconductors
74F521 PHILIPS-74F521 Datasheet
79Kb / 8P
   8-bit identity comparator
1990 May 15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com