Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6C-10RN Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # A6C-10RN
Description  Highly Reliable Subminiature Dip Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6C-10RN Datasheet(HTML) 1 Page - Omron Electronics LLC

  A6C-10RN Datasheet HTML 1Page - Omron Electronics LLC A6C-10RN Datasheet HTML 2Page - Omron Electronics LLC A6C-10RN Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Highly Reliable Subminiature Dip Switch
s
Precision rotary cam and contactor drive provide
high reliability
s
Subminiature: 9 (W) x 6.6 (L) x 4.5 (H) mm
s
Molded base and rotor sealed by O-ring; eliminates
the need for tape sealing
Dip Switch
A6C
Ordering Information
Part Number
Output code type
No. of switching positions
Top actuated
Side actuated
BCD
10
A6C-10R(N)
A6CV-10R
BCD Hexadecimal
16
A6C-16R(N)
A6CV-16R
s CONSTRUCTION
The movable contactor is moved as the rotor rotates.
The terminals are insert molded into the base. The
rotor is secured by an O-ring and the case and the
cover are made of plastic resin. Therefore, the
internal mechanism is effectively sealed.
Note: Data shown are of initial value.
Characteristics
Switching capacity
100 mA, 30 VDC
Permissible load
10
µA, 3.5 VDC min.
Carry current
100 mA max.
Contact resistance
200 M
Ω max.
Insulation resistance
100 M
Ω min. (at 250 VDC)
Dielectric strength
500 VAC for 1 minute between current-carrying metal parts and ground
250 VAC for 1 minute between terminals of same pole
Operating force
15 to 100 g-cm
Vibration
Malfunction durability
10 to 55 Hz, 1.5 mm double amplitude
Shock
Malfunction durability
Approx. 300 m/s2 (30 G)
Materials
Base/Cover
PPS (Polyphenylene sulfide)
Rotor
PBT (Polybutylene terephthalate)
O-ring
Acryl nitril butadiene rubber
Movable contact
SUS plate, gold-plated
Terminal
42-alloy plate (nickel-iron alloy)
Ambient temperature
Operating
-20
° to 70°C
Humidity
35% to 95% RH
Service life
Mechanical
10,000 operations min.
Electrical
2,000 operations min.
Weight
A6C-10R, -16R: Approx. 0.4 g, A6CV-10R, -16R: Approx. 0.7 g


Similar Part No. - A6C-10RN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6C-10RN OMRON-A6C-10RN Datasheet
583Kb / 4P
   Sealed Rotary DIP Switch
More results

Similar Description - A6C-10RN

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DR-L2-24V PANASONIC-DR-L2-24V Datasheet
458Kb / 3P
   HIGHLY RELIABLE MINIATURE DIP RELAYS
logo
Nais(Matsushita Electri...
DR-12V NAIS-DR-12V Datasheet
458Kb / 3P
   HIGHLY RELIABLE MINIATURE DIP RELAYS
logo
Amphenol Corporation
P562 AMPHENOL-P562 Datasheet
69Kb / 2P
   Highly reliable, silicon pressure sensor
logo
Topstek Inc.
TMC-100A TOPSTEK-TMC-100A Datasheet
129Kb / 2P
   Highly reliable Hall Effect device
TGD-3A TOPSTEK-TGD-3A Datasheet
99Kb / 2P
   Highly reliable Hall Effect device
THDD-5A TOPSTEK-THDD-5A Datasheet
92Kb / 2P
   Highly reliable Hall Effect device
logo
TE Connectivity Ltd
V23003 TEC-V23003 Datasheet
1Mb / 5P
   Highly reliable multi purpose relay
logo
ZETTLER Electronics
AZ822 ZETTLER-AZ822_14 Datasheet
50Kb / 2P
   SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ822 AZETTLER-AZ822 Datasheet
81Kb / 2P
   SUBMINIATURE DIP RELAY
logo
Topstek Inc.
THT-6A TOPSTEK-THT-6A Datasheet
90Kb / 2P
   Highly reliable Hall Effect device
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com