Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM219R61A475KE19 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # GRM219R61A475KE19
Description  Dual 600mA Step-Down Converter with Synchronization
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

GRM219R61A475KE19 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  GRM219R61A475KE19 Datasheet HTML 1Page - Advanced Analogic Technologies GRM219R61A475KE19 Datasheet HTML 2Page - Advanced Analogic Technologies GRM219R61A475KE19 Datasheet HTML 3Page - Advanced Analogic Technologies GRM219R61A475KE19 Datasheet HTML 4Page - Advanced Analogic Technologies GRM219R61A475KE19 Datasheet HTML 5Page - Advanced Analogic Technologies GRM219R61A475KE19 Datasheet HTML 6Page - Advanced Analogic Technologies GRM219R61A475KE19 Datasheet HTML 7Page - Advanced Analogic Technologies GRM219R61A475KE19 Datasheet HTML 8Page - Advanced Analogic Technologies GRM219R61A475KE19 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Electrical Characteristics
1
V
IN = VCC = 3.6V, TA = -40°C to +85°C, unless noted otherwise. Typical values are at TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
Power Supply
V
CC,
Input Voltage
2.7
5.5
V
V
IN1, VIN2
UVLO
Under-Voltage Lockout
V
CC Rising
2.7
V
V
CC Falling
2.35
I
Q
Quiescent Current
V
EN1 = VEN2 = VCC, No Load
60
120
µA
I
SHDN
Shutdown Current
EN1 = EN2 = GND
1.0
µA
Each Converter
V
FB
Feedback Voltage Tolerance
I
OUT = 0 to 600mA, VIN = 2.9 to 5.5V
-3.0
-3.0
%
I
OUT = 0 to 450mA, VIN = 2.7 to 5.5V
V
OUT
Output Voltage Range
0.6
V
IN
V
I
LX LEAK
LX Reverse Leakage Current
V
IN Open, VLX = 5.5V, EN = GND
1.0
µA
(Fixed)
I
LX LEAK
LX Leakage Current
V
IN = 5.5V, VLX = 0 to VIN
1.0
µA
I
FB
Feedback Leakage
V
FB = 1.0V
0.2
µA
I
LIM
P-Channel Current Limit
Each Converter
1.0
A
R
DS(ON)H
High Side Switch On Resistance
0.45
Ω
R
DS(ON)L
Low Side Switch On Resistance
0.40
Ω
ΔV
OUT/
Load Regulation
I
LOAD = 0 to 600 mA
0.002
%/mA
V
OUT/ΔIOUT
ΔV
OUT/
Line Regulation
V
IN = 2.7 to 5.5V, ILOAD = 100 mA
0.125
%/V
V
OUT/ΔVIN
V
FB
Feedback Threshold Voltage
No Load, T
A = 25°C
0.591
0.600 0.609
V
Accuracy
F
OSC
Oscillator Frequency
1.7
MHz
T
S
Start-Up Time
From Enable to Output Regulation;
150
µs
Both Channels
Logic
T
SD
Over-Temperature Shutdown
140
°C
Threshold
T
HYS
Over-Temperature Shutdown
15
°C
Hysteresis
V
IL
EN, MODE/SYNC, PS Logic
0.6
V
Low Threshold
V
IH
EN, MODE/SYNC, PS Logic
1.4
V
High Threshold
I
EN,
I
MODE/SYNC,
Logic Input Current
V
IN = VFB = 5.5V
-1.0
1.0
µA
I
PS
AAT2513
Dual 600mA Step-Down
Converter with Synchronization
4
2513.2007.04.1.1
1. The AAT2513 guaranteed to meet performance specifications over the 40°C to +85°C operating temperature range and is assured
by design, characterization and correlation with statistical process controls.


Similar Part No. - GRM219R61A475KE19

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
GRM219R61A475KE19 SKYWORKS-GRM219R61A475KE19 Datasheet
2Mb / 17P
   1.5A Single Flash LED Driver IC
More results

Similar Description - GRM219R61A475KE19

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2315 ANALOGICTECH-AAT2315_07 Datasheet
700Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
AAT2713 ANALOGICTECH-AAT2713 Datasheet
1Mb / 23P
   Low Noise Dual 600mA Step-Down Converter with Synchronization
logo
Skyworks Solutions Inc.
AAT2514 SKYWORKS-AAT2514 Datasheet
1Mb / 14P
   Dual Channel, 600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT2514 ANALOGICTECH-AAT2514 Datasheet
311Kb / 16P
   Dual Channel 600mA Step-Down Converter
AAT2514 ANALOGICTECH-AAT2514_08 Datasheet
581Kb / 14P
   Dual Channel 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
   600mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
   600mA Step-Down Converter
logo
Kinetic Technologies.
KTB851 KINETIC-KTB851 Datasheet
703Kb / 15P
   600mA Step-Down Converter
April 2019 - Revision 04c
logo
Kingbright Corporation
APW7134 KINGBRIGHT-APW7134 Datasheet
303Kb / 16P
   Dual 1.5MHz, 600mA Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com