Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0410XF Datasheet(PDF) 5 Page - STMicroelectronics

Part # Z0410XF
Description  These parts are intended for general purpose
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0410XF Datasheet(HTML) 5 Page - STMicroelectronics

  Z0410XF Datasheet HTML 1Page - STMicroelectronics Z0410XF Datasheet HTML 2Page - STMicroelectronics Z0410XF Datasheet HTML 3Page - STMicroelectronics Z0410XF Datasheet HTML 4Page - STMicroelectronics Z0410XF Datasheet HTML 5Page - STMicroelectronics Z0410XF Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACKAGE MECHANICAL DATA
TO202-1 (Plastic)
D
G
I
H
J
B
A
M
N1
N
O
P
C
F
REF.
DIMENSIONS
Millimeters
Inches
Typ.
Min. Max. Typ.
Min. Max.
A
10.1
0.398
B
13.7
0.540
C
7.3
0.287
D
10.5
0.413
F
1.5
0.059
G
3.2
0.126
H
0.51
0.020
I
3.16
3.20
0.124 0.126
J
1.5
0.059
M
4.5
0.177
N
5.3
0.209
N1
2.54
0.100
O
1.4
0.055
P
0.7
0.028
Marking : type number
Weight : 1.4 g
®
Z0410xE/F
5/6


Similar Part No. - Z0410XF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0410 STMICROELECTRONICS-Z0410 Datasheet
78Kb / 6P
   STANDARD TRIACS
Z0410DE STMICROELECTRONICS-Z0410DE Datasheet
78Kb / 6P
   STANDARD TRIACS
Z0410DF STMICROELECTRONICS-Z0410DF Datasheet
78Kb / 6P
   STANDARD TRIACS
Z0410DF1AA2 STMICROELECTRONICS-Z0410DF1AA2 Datasheet
88Kb / 8P
   4A TRIACS
Z0410E STMICROELECTRONICS-Z0410E Datasheet
78Kb / 6P
   STANDARD TRIACS
More results

Similar Description - Z0410XF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ156M3LW01 SHARP-LQ156M3LW01 Datasheet
1Mb / 30P
   These parts are complied with the RoHS directive
logo
Roithner LaserTechnik G...
385D30 ROITHNER-385D30 Datasheet
155Kb / 1P
   these products are sensitive
logo
Illinois Capacitor, Inc...
105QPC450KA3 ILLINOISCAPACITOR-105QPC450KA3 Datasheet
181Kb / 1P
   Parts are RoHs compliant
105QPC450KB5 ILLINOISCAPACITOR-105QPC450KB5 Datasheet
152Kb / 1P
   Parts are RoHs compliant
logo
Sharp Corporation
LQ150X1LG91 SHARP-LQ150X1LG91 Datasheet
387Kb / 27P
   These parts have corresponded with the ROHS
logo
Bel Fuse Inc.
ABC450-1T05G BEL-ABC450-1T05G Datasheet
1Mb / 9P
   These power supplies are ideal for telecom
logo
Guangdong Youtai Semico...
LESD8D5.0CAT5G UMW-LESD8D5.0CAT5G Datasheet
379Kb / 4P
   These are Pb−Free Devices
logo
TDK Electronics
MPU-6000 TDK-MPU-6000 Datasheet
905Kb / 46P
   These registers are used for gyroscope and accelerometer
logo
Lowpower Semiconductor ...
LPM3400 POWER-LPM3400 Datasheet
283Kb / 7P
   These devices are particularly suitable for low voltage
logo
Guangdong Youtai Semico...
LESD8D3.3CAT5G UMW-LESD8D3.3CAT5G Datasheet
468Kb / 4P
   These are Pb−Free Devices
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com