Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR5005L Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # BR5005L
Description  SILICON BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

BR5005L Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  BR5005L Datasheet HTML 1Page - HY ELECTRONIC CORP. BR5005L Datasheet HTML 2Page - HY ELECTRONIC CORP. BR5005L Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Plastic case with heatsink for heat dissipation
Surge overload -500 Amperes peak
flammability classification 94V-0
MECHANICAL DATA
Case:Molded plastic with heatsink integrally
mounted in the bridge encapsulation
Weight:1 ounce,30 grams.
Mounting position: Any
Terminals:Wire Lead Φ 50 mils.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
BR
BR
BR
BR
BR
BR
BR
5005L
501L
502L
504L
506L
508L
5010L
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Current for Resistive Load @TC=55℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Forward Voltage Per Bridge Element
at 25A Peak
Maximum Reverse Current at Rate
@TJ=25℃
DC Blocking Voltage
@TJ=100℃
Typical Thermal Resistance (FIG.3)
RθJC
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
Note: The typical data above is for reference only(典型值仅供参考).
Rev. 2, 16-Mar-2017
μA
-55 to +150
-55 to +150
2.0
10
1000
IR
VF
1.1
V
CHARACTERISTICS
SYMBOL
A
IFSM
A
I(AV)
50
500
The plastic package has UL
UNIT
BR-L 50A SERIES
SILICON BRIDGE RECTIFIERS
REVERSE VOLTAGE
-
50
to 1000 Volts
FORWARD CURRENT - 50 Amperes
BR-L
.180(4.6)
.220(5.6)
.048(1.2)TYP.
.052(1.3)DIA.
.140(3.6)
.120(3.05)
(13.9)
.550
MIN.
MIN.
.750
(19.0)
.442(11.23)
.424(10.77)
1.114(28.3)
1.133(28.8)
METAL HEAT SINK


Similar Part No. - BR5005L

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
BR5005L HY-BR5005L Datasheet
398Kb / 3P
   Silicon Bridge Rectifiers
logo
Comchip Technology
BR5005L-G COMCHIP-BR5005L-G Datasheet
77Kb / 3P
   Silicon Bridge Rectifiers
logo
HY ELECTRONIC CORP.
BR5005L HY-BR5005L_V01 Datasheet
398Kb / 3P
   Silicon Bridge Rectifiers
More results

Similar Description - BR5005L

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com