Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8325ARU-REEL Datasheet(PDF) 9 Page - Analog Devices

Part # AD8325ARU-REEL
Description  5 V CATV Line Driver Fine Step Output Power Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8325ARU-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8325ARU-REEL Datasheet HTML 5Page - Analog Devices AD8325ARU-REEL Datasheet HTML 6Page - Analog Devices AD8325ARU-REEL Datasheet HTML 7Page - Analog Devices AD8325ARU-REEL Datasheet HTML 8Page - Analog Devices AD8325ARU-REEL Datasheet HTML 9Page - Analog Devices AD8325ARU-REEL Datasheet HTML 10Page - Analog Devices AD8325ARU-REEL Datasheet HTML 11Page - Analog Devices AD8325ARU-REEL Datasheet HTML 12Page - Analog Devices AD8325ARU-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. 0
AD8325
–9–
Distortion, Adjacent Channel Power, and DOCSIS
In order to deliver 58 dBmV of high fidelity output power required
by DOCSIS, the PA should be able to deliver about 61 dBmV
in order to make up for losses associated with the transformer
and diplexer. TPC 7 and TPC 8 show the AD8325 second and
third harmonic distortion performance versus fundamental
frequency for various output power levels. These figures are
useful for determining the inband harmonic levels from 5 MHz
to 65 MHz. Harmonics higher in frequency will be sharply attenu-
ated by the low-pass filter function of the diplexer. Another
measure of signal integrity is adjacent channel power or ACP.
DOCSIS section 4.2.9.1.1 states, “Spurious emissions from
a transmitted carrier may occur in an adjacent channel that could
be occupied by a carrier of the same or different symbol rates.”
TPC 12 shows the measured ACP for a 16 QAM, 61 dBmV signal,
taken at the output of the AD8325 evaluation board (see Figure
12 for evaluation board schematic). The transmit channel width
and adjacent channel width in TPC 12 correspond to symbol rates
of 160 KSYM/SEC. Table I shows the ACP results for the AD8325
for all conditions in DOCSIS Table 4-7 “Adjacent Channel
Spurious Emissions.”
Noise and DOCSIS
At minimum gain, the AD8325’s output noise spectral density is
10 nV/
√Hz measured at 10 MHz. DOCSIS Table 4-8, “Spurious
Emissions in 5 MHz to 42 MHz,” specifies the output noise for
various symbol rates. The calculated noise power in dBmV for
160 KSYM/SECOND is:
20
10
160
60
48
2
log
nV
Hz
kHz
dBmV


×


+=
Comparing the computed noise power of –48 dBmV to the
8 dBmV signal yields –56 dBc, which meets the required level of
–53 dBc set forth in DOCSIS Table 4-8. As the AD8325’s gain is
increased from this minimum value, the output signal increases at a
faster rate than the noise, resulting in a signal to noise ratio that
improves with gain. In transmit disable mode, the output noise
spectral density computed over 160 KSYM/SECOND is 1.0 nV/
√Hz
or –68 dBmV.
Evaluation Board Features and Operation
The AD8325 evaluation board (Part # AD8325-EVAL) and
control software can be used to control the AD8325 upstream
cable driver via the parallel port of a PC. A standard printer
cable connected between the parallel port and the evaluation
board is used to feed all the necessary data to the AD8325 by
means of the Windows-based, Microsoft Visual Basic control
software. This package provides a means of evaluating the
amplifier by providing a convenient way to program the gain/
attenuation as well as offering easy control of the amplifiers’
asynchronous TXEN and
SLEEP pins. With this evaluation kit
the AD8325 can be evaluated with either a single-ended or differ-
ential input configuration. The amplifier can also be evaluated
with or without the PULSE diplexer in the output signal path. To
remove the diplexer from the signal path, leave R6 and R8 open
and install a 0
Ω chip resistor at R7. A schematic of the evalua-
tion board is provided in Figure 12.
Overshoot on PC Printer Ports
The data lines on some PC parallel printer ports have excessive
overshoot that may cause communications problems when pre-
sented to the CLK pin of the AD8325 (TP6 on the evaluation
board). The evaluation board was designed to accommodate a
series resistor and shunt capacitor (R2 and C5) to filter the
CLK signal if required.
Transformer and Diplexer
A 1:1 transformer is needed to couple the differential outputs of
the AD8325 to the cable while maintaining a proper impedance
match. The specified transformer is available from TOKO (Part
# 617DB-A0070); however, MA/COM part # ETC-1-1T-15
can also be used. The evaluation board is equipped with the
TOKO transformer, but is also designed to accept the MA/COM
transformer. The PULSE diplexer included on the evaluation
board provides a high-order low-pass filter function, typically
used in the upstream path. The ability of the PULSE diplexer
to achieve DOCSIS compliance is neither expressed nor implied
by Analog Devices Inc. Data on the diplexer can be obtained
from PULSE.
Table I. ACP Performance for All DOCSIS Conditions (All Values in dBc)
160 KSYM/SEC
320 KSYM/SEC
640 KSYM/SEC
1280 KSYM/SEC
2560 KSYM/SEC
ADJACENT CHANNEL SYMBOL RATE
TRANSMIT
CHANNEL
SYMBOL
RATE
–66.7
–67.6
–62.0
–56.3
–54.1
–53.8
–55.6
–61.1
–67.0
–53.1
–53.8
–56.0
–61.5
–54.3
–53.2
–54.0
–56.3
–56.3
–54.3
–53.4
–54.1
–58.5
–56.2
–54.4
–53.5
160 KSYM/SEC 320 KSYM/SEC 640 KSYM/SEC 1280 KSYM/SEC 2560 KSYM/SEC


Similar Part No. - AD8325ARU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8325ARU-REEL AD-AD8325ARU-REEL Datasheet
736Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. A
More results

Similar Description - AD8325ARU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8323 AD-AD8323 Datasheet
277Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8325 AD-AD8325_05 Datasheet
736Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. A
AD8323 AD-AD8323_15 Datasheet
715Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8322 AD-AD8322 Datasheet
243Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8322 AD-AD8322_15 Datasheet
687Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327 Datasheet
307Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327_15 Datasheet
885Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8326 AD-AD8326 Datasheet
475Kb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8321ARZ AD-AD8321ARZ Datasheet
593Kb / 20P
   Gain Programmable CATV Line DRiver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com