Electronic Components Datasheet Search |
|
BR8005 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP. |
|
BR8005 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP. |
1 / 3 page FEATURES ● Surge overload rating -200 amperes peak ● Low forward voltage drop ● Small size; simple installation ● Sliver plated copper leads ● Mounting position: Any MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS CHARACTERISTICS SYMBOL BR8005 BR801 BR802 BR804 BR806 BR808 BR810 UNIT Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS Bridge Input Voltage VRMS 35 70 140 280 420 560 700 V Maximum Average Forward Rectified Output Current at TA=50℃ Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Bridge Element at 4.0A Peak Maximum Reverse Current at Rated TJ=25℃ μA DC Blocking Voltage Per Element TJ=100℃ mA Operating Temperature Range TJ ℃ Storage Temperature Range TSTG ℃ Rev. 7, 16-Mar-2017 8.0 -55 to +150 IFSM -55 to +150 V 1.0 200 BR8005 thru BR810 A IR 10.0 1.0 VF I(AV) A SILICON BRIDGE RECTIFIERS For capacitive load, derate current by 20% Single phase, half wave ,60Hz, resistive or inductive load. Rating at 25℃ ambient temperature unless otherwise specified. REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 8.0 Amperes Dimensions in inches and (milimeters) Polarity shown on side of case, Positive lead by beveled corner. BR8 DIA. .770(19.6) .730(18.5) .730(18.5) .770(19.6) .480(12.2) .520(13.2) .520(13.2) .480(12.2) HOLE FOR NO.6 SCREW .048(1.2) .052(1.3) .255(6.5) .296(7.5) .750 (19.0) MIN |
Similar Part No. - BR8005_17 |
|
Similar Description - BR8005_17 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |