Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12010CIVYX Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12010CIVYX
Description  12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12010CIVYX Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC12010CIVYX Datasheet HTML 1Page - National Semiconductor (TI) ADC12010CIVYX Datasheet HTML 2Page - National Semiconductor (TI) ADC12010CIVYX Datasheet HTML 3Page - National Semiconductor (TI) ADC12010CIVYX Datasheet HTML 4Page - National Semiconductor (TI) ADC12010CIVYX Datasheet HTML 5Page - National Semiconductor (TI) ADC12010CIVYX Datasheet HTML 6Page - National Semiconductor (TI) ADC12010CIVYX Datasheet HTML 7Page - National Semiconductor (TI) ADC12010CIVYX Datasheet HTML 8Page - National Semiconductor (TI) ADC12010CIVYX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
A,VD
6.5V
V
DR
≤V
D +0.3V
|V
A–VD|
≤ 100 mV
Voltage on Any Input or Output Pin
−0.3V to (V
A or VD
+0.3V)
Input Current at Any Pin (Note 3)
±25 mA
Package Input Current (Note 3)
±50 mA
Package Dissipation at T
A = 25˚C
See (Note 4)
ESD Susceptibility
Human Body Model (Note 5)
2500V
Machine Model (Note 5)
250V
Soldering Temperature,
Infrared, 10 sec. (Note 6)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage (V
A,VD)
+4.75V to +5.25V
Output Driver Supply (V
DR)
+2.35V to V
D
V
REF Input
1.0V to 2.4V
CLK, PD, OE
−0.05V to (V
D + 0.05V)
V
IN Input
−0V to (V
A − 0.5V)
V
CM
1.0V to 4.0V
|AGND–DGND|
≤100mV
Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +5V, VDR =
+3.0V, PD = 0V, V
REF = +2.0V, fCLK = 10 MHz, tr =tf = 3 ns, CL = 25 pF/pin. Boldface limits apply for TA =TJ =TMIN to
T
MAX: all other limits TA =TJ = 25˚C (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits (min)
INL
Integral Non Linearity (Note 11)
±0.5
±1.5
LSB (max)
DNL
Differential Non Linearity
±0.3
±0.9
LSB (max)
GE
Gain Error
±0.2
2.9
%FS (max)
Offset Error (V
IN =VIN−)
−0.1
1.75
%FS (max)
Under Range Output Code
0
0
Over Range Output Code
4095
4095
DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full Power Bandwidth
0 dBFS Input, Output at −3 dB
100
MHz
SNR
Signal-to-Noise Ratio
f
IN = 1 MHz, VIN = −0.5 dBFS
70
dB
f
IN = 4.4 MHz, VIN = −0.5 dBFS
70
dB
f
IN = 10.1 MHz, VIN = −0.5 dBFS
70
66
dB (min)
SINAD
Signal-to-Noise and Distortion
f
IN = 1 MHz, VIN = −0.5 dBFS
70
dB
f
IN = 4.4 MHz, VIN = −0.5 dBFS
70
dB
f
IN = 10.1 MHz, VIN = −0.5 dBFS
69
66
dB (min)
ENOB
Effective Number of Bits
f
IN = 1 MHz, VIN = −0.5 dBFS
11.4
dB
f
IN = 4.4 MHz, VIN = −0.5 dBFS
11.4
dB
f
IN = 10.1 MHz, VIN = −0.5 dBFS
11.3
10.7
dB (min)
THD
Total Harmonic Distortion
f
IN = 1 MHz, VIN = −0.5 dBFS
−88
dB
f
IN = 4.4 MHz, VIN = −0.5 dBFS
−86
dB
f
IN = 10.1 MHz, VIN = −0.5 dBFS
−79
−74
dB (min)
SFDR
Spurious Free Dynamic Range
f
IN = 1 MHz, VIN = −0.5 dBFS
92
dB
f
IN = 4.4 MHz, VIN = −0.5 dBFS
89
dB
f
IN = 10.1 MHz, VIN = −0.5 dBFS
83
69
dB (min)
www.national.com
5


Similar Part No. - ADC12010CIVYX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12010CIVYX/NOPB TI1-ADC12010CIVYX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results

Similar Description - ADC12010CIVYX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_14 Datasheet
1Mb / 30P
[Old version datasheet]   ADC12010 12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
   12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
ADC12L063 NSC-ADC12L063 Datasheet
581Kb / 22P
   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12L063 TI1-ADC12L063_14 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12020 NSC-ADC12020 Datasheet
621Kb / 23P
   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12020 TI1-ADC12020_18 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC10030 NSC-ADC10030 Datasheet
417Kb / 17P
   10-Bit, 30 MSPS, 125 mW A/D Converter with Internal Sample and Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com