Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8332ARU-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # AD8332ARU-REEL
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ARU-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8332ARU-REEL Datasheet HTML 7Page - Analog Devices AD8332ARU-REEL Datasheet HTML 8Page - Analog Devices AD8332ARU-REEL Datasheet HTML 9Page - Analog Devices AD8332ARU-REEL Datasheet HTML 10Page - Analog Devices AD8332ARU-REEL Datasheet HTML 11Page - Analog Devices AD8332ARU-REEL Datasheet HTML 12Page - Analog Devices AD8332ARU-REEL Datasheet HTML 13Page - Analog Devices AD8332ARU-REEL Datasheet HTML 14Page - Analog Devices AD8332ARU-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD8331/AD8332
Rev. C | Page 11 of 32
40
50
0
0.2
VGAIN (V)
0.6
0.4
30
10
0
20
5
1.0
0.8
1.1
35
45
25
15
0.1
0.5
0.3
0.9
0.7
HILO = LO, RIN = 50Ω
HILO = LO, RFB = ∞
HILO = HI, RFB = ∞
HILO = HI, RIN = 50Ω
f = 10MHz, RS = 50Ω
Figure 27. Noise Figure vs. VGAIN
30
10
20
GAIN (dB)
35
25
20
0
5
55
45
60
25
15
10
15
30
50
40
HILO = HI, RIN = 50Ω
HILO = HI, RFB = ∞
HILO = LO, RIN = 50Ω
HILO = LO, RFB = ∞
f = 10MHz, RS = 50Ω
Figure 28. Noise Figure vs. Gain
–70
–60
–50
–40
–100
–90
–80
100M
1M
10M
HILO = HI,
HD3
–30
–20
–10
0
G = 30dB
VOUT =1VP-P
FREQUENCY (Hz)
HILO = LO,
HD3
HILO = HI,
HD2
HILO = LO,
HD2
Figure 29. Harmonic Distortion vs. Frequency
–70
–60
–50
–40
–100
–90
–80
200
800
0
600
400
1.0k
2.0k
1.8k
1.6k
1.4k
1.2k
–30
RLOAD (Ω)
HILO = LO,
HD3
HILO = LO,
HD2
f = 10MHz
VOUT = 1V p-p
HILO = HI,
HD2
HILO = HI,
HD3
Figure 30. Harmonic Distortion vs. RLOAD
–70
–60
–50
–40
–100
–90
–80
10
40
50
030
20
CLOAD (pF)
HILO = HI,
HD3
HILO = LO,
HD2
HILO = LO,
HD3
f = 10MHz
VOUT = 1V p-p
HILO = HI,
HD2
Figure 31. Harmonic Distortion vs. CLOAD
–70
–60
–50
–40
–100
–90
–80
14
03
2
f = 10MHz
GAIN = 30 dB
VOUT (V p-p)
HILO = LO,
HD3
HILO = HI,
HD3
HILO = LO,
HD2
HILO = HI,
HD2
Figure 32. Harmonic Distortion vs. Differential Output Voltage


Similar Part No. - AD8332ARU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8332ARU-REEL AD-AD8332ARU-REEL Datasheet
606Kb / 28P
   Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
REV. 0
AD8332ARU-REEL AD-AD8332ARU-REEL Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8332ARU-REEL AD-AD8332ARU-REEL Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. G
AD8332ARU-REEL7 AD-AD8332ARU-REEL7 Datasheet
606Kb / 28P
   Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
REV. 0
AD8332ARU-REEL7 AD-AD8332ARU-REEL7 Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
More results

Similar Description - AD8332ARU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8331 AD-AD8331_06 Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8331 AD-AD8331_10 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. G
AD8332 AD-AD8332_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8331 AD-AD8331_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8334 AD-AD8334_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8332 AD-AD8332 Datasheet
606Kb / 28P
   Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
REV. 0
ADRF6520 AD-ADRF6520 Datasheet
1Mb / 29P
   Dual Programmable Filters and VGAs
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
   Cascadable IF VGAs with Programmable RMS Detectors
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com