Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8323 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS8323
Description  16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8323 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS8323 Datasheet HTML 5Page - Burr-Brown (TI) ADS8323 Datasheet HTML 6Page - Burr-Brown (TI) ADS8323 Datasheet HTML 7Page - Burr-Brown (TI) ADS8323 Datasheet HTML 8Page - Burr-Brown (TI) ADS8323 Datasheet HTML 9Page - Burr-Brown (TI) ADS8323 Datasheet HTML 10Page - Burr-Brown (TI) ADS8323 Datasheet HTML 11Page - Burr-Brown (TI) ADS8323 Datasheet HTML 12Page - Burr-Brown (TI) ADS8323 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ADS8323
9
SBAS224B
www.ti.com
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
CS
BYTE
RD
CONVST
CLOCK
DGND
+DV
DD
BUSY
Chip Select
Read Input
Conversion Start
Clock Input
Busy Output
+
Analog Input
9
101112131415
16
32
31
30
29
0.1
µF
28
ADS8323
27
26
25
0.1
µF
10
µF
20pF
+5V Analog Supply
+
FIGURE 1. Typical Circuit Configuration.
ANALOG INPUT
The analog input is bipolar and fully differential. There are
two general methods of driving the analog input of the
ADS8323: single-ended or differential, as shown in Figures 2
and 3. When the input is single-ended, the –IN input is held
at the common-mode voltage. The +IN input swings around
the same common voltage and the peak-to-peak amplitude is
the (common-mode + VREF) and the (common-mode – VREF).
The value of VREF determines the range over which the
common-mode voltage may vary (see Figure 4).
ADS8323
ADS8323
Single-Ended Input
Common
Voltage
–V
REF to +VREF
peak-to-peak
Differential Input
Common
Voltage
V
REF
peak-to-peak
V
REF
peak-to-peak
FIGURE 2. Methods of Driving the ADS8323 either Single-
Ended or Differential.
When the input is differential, the amplitude of the input is the
difference between the +IN and –IN input, or (+IN) – (–IN).
The peak-to-peak amplitude of each input is
±1/2V
REF around
this common voltage. However, since the inputs are 180
°
out-of-phase, the peak-to-peak amplitude of the differential
voltage is +VREF to –VREF. The value of VREF also determines
the range of the voltage that may be common to both inputs
(see Figure 5).
In each case, care should be taken to ensure that the output
impedance of the sources driving the +IN and –IN inputs are
matched. If matching is not observed, it may result in offset
error, which changes with temperature. Often, a small capacitor
(20pF) between the positive and negative inputs helps to match
their impedance.
The input current on the analog inputs depends on a number
of factors: sample rate, input voltage, and source imped-
ance. Essentially, the current into the ADS8323 charges the
internal capacitor array during the sampling period. After this
capacitance has been fully charged, there is no further input
current. The source of the analog input voltage must be able
to charge the input capacitance (25pF) to a 16-bit settling
level within 4 clock cycles (400ns), if the minimum acquisition
time is used. When the converter goes into the hold mode,
the input impedance is greater than 1G
Ω.
Care must be taken regarding the absolute analog input
voltage. The +IN and –IN inputs should always remain within
the range of AGND – 0.3V to AVDD + 0.3V.


Similar Part No. - ADS8323

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8323 TI1-ADS8323 Datasheet
799Kb / 26P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323Y TI-ADS8323Y Datasheet
798Kb / 25P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323Y/250 TI-ADS8323Y/250 Datasheet
798Kb / 25P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323Y/250G4 TI-ADS8323Y/250G4 Datasheet
798Kb / 25P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323Y/2K TI-ADS8323Y/2K Datasheet
798Kb / 25P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8323

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8323 TI1-ADS8323_14 Datasheet
799Kb / 26P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323Y TI-ADS8323Y Datasheet
798Kb / 25P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8322 TI1-ADS8322 Datasheet
934Kb / 19P
[Old version datasheet]   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8322 BURR-BROWN-ADS8322 Datasheet
202Kb / 10P
   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com