Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR1004SG Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # BR1004SG
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

BR1004SG Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  BR1004SG Datasheet HTML 1Page - HY ELECTRONIC CORP. BR1004SG Datasheet HTML 2Page - HY ELECTRONIC CORP. BR1004SG Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Surge overload rating -175 amperes peak
Low forward voltage drop
Small size; simple installation
Sliver plated copper leads
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
BR
BR
BR
BR
BR
BR
BR
10005SG 1001SG 1002SG 1004SG 1006SG 1008SG 1010SG
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum Average Forward
Rectified Output Current at
TA=50℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Forward Voltage Drop
Per Bridge Element at 5.0A Peak
Maximum Reverse Current at Rated TJ=25℃
μA
DC Blocking Voltage Per Element
TJ=100℃
mA
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
Rev. 7, 16-Mar-2017
2. Unit mounted on P.C. board
VF
1.1
V
IR
10.0
1.0
-55 to +150
-55 to +150
Notes:1.Unit mounted on metal chassis
A
IFSM
175
A
For capacitive load, derate current by 20%
I(AV)
10.0
CHARACTERISTICS
SYMBOL
UNIT
BR10005SG thru BR1010SG
GLASS PASSIVATED
REVERSE VOLTAGE
-
50
to 1000Volts
FORWARD CURRENT
-
10.0
Amperes
BRIDGE RECTIFIERS
Polarity shown on side of case, Positive lead by beveled corner.
Dimensions in inches and (milimeters)
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
BR8
DIA.
.770(19.6)
.730(18.5)
.730(18.5)
.770(19.6)
.480(12.2)
.520(13.2)
.520(13.2)
.480(12.2)
HOLE FOR
NO.6 SCREW
.048(1.2)
.052(1.3)
.255(6.5)
.296(7.5)
.750
(19.0)
MIN


Similar Part No. - BR1004SG

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BR1004SG GOOD-ARK-BR1004SG Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
BR1004SG HY-BR1004SG Datasheet
343Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Comchip Technology
BR1004SG-G COMCHIP-BR1004SG-G Datasheet
77Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - BR1004SG

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com