Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW0402 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CRCW0402
Description  Thick Film, Rectangular, Precision Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0402 Datasheet(HTML) 2 Page - Vishay Siliconix

  CRCW0402 Datasheet HTML 1Page - Vishay Siliconix CRCW0402 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For technical questions in Europe contact : ff1aresistors@vishay.com
For technical questions in Americas/Asia contact : ff2aresistors@vishay.com
www.vishay.com
41
D..P/CRCW
Vishay
Document Number 20009
Revision 18-Oct-02
Thick Film, Rectangular, Precision
Dimensions 1210 to 2512 and solder-pad dimensions: see
standard chip resistors D..CRCW
HF-CHARACTERISTIC / CURRENT NOISE / NON-LINEARITY AND PACKAGING:
see standard Chip resistors D...CRCW...
DIMENSIONS
PERFORMANCE
TEST
CONDITIONS OF TEST
0402
0805
1218
0603
1206
2010
1210
2512
Endurance Test at 70
°C
1000 hours at 70
°C, 1.5 hours "ON", 0.5 hours "OFF"
≤ ± 1.0
≤ ± 1.5
≤ ± 1.0
IEC 60115-1 4.25.1
Endurance at UCT
1000 hours at 125
°C without load
≤ ± 1.0
≤ ± 0.5
≤ ± 1.0
IEC 60115-1 4.25.3
Overload Test
Short time overload
≤ ± 0.25
≤ ± 0.25 ≤ ± 0.5
IEC 60115-1 4.13
2.5 x rated voltage or
≤ 2 x limiting element voltage.
Thermal Shock
Rapid change between upper and lower category temperature
≤ ± 0.25
≤ ± 0.25 ≤ ± 0.5
IEC 60115-1 4.19 IEC 60068-2-14
Damp Heat Steady State
56 days at 40
°C and 93% relative humidity
≤ ± 1.0
≤ ± 0.5
≤ ± 1.0
IEC 60115-1 4.24 IEC 60068-2-3
Resistance to Soldering Heat
10 seconds at 260
°C solder bath temperature
≤ ± 0.25
≤ ± 0.25 ≤ ± 0.5
IEC 60115-1 4.18 IEC 60068-2-20
TEST RESULTS %
Derating
120
100
80
60
40
20
0
- 55
-25
0
25
50
75
100
125
150 175
Ambient Temperature in
°C
70
Temperature Rise
90
80
70
60
50
40
30
20
10
0
0
0.1
0.2
0.3
0.4
0.5
Power in W
0402
1206
0805
0603
1210
2010
2512
SIZE
DIMENSIONS [in millimeters]
INCH METRIC
L
W
H
T1
T2
0402
1005
1.0
±0,05 0.5 ±0.05 0.35 ±0.05 0.25 ±0.05 0.2 ±0.1
0603
1608
1.55
0.85
±0.1 0.45 ±0.05 0.3 ±0 2 0.3 ±0.2
0805
2012
2.0
1.25
±0.15 0.45 ±0.05 0.3
0.3
±0.2
1206
3216
3.2
1.6
±0.15 0.55 ±0.05 0.45 ±0.2 0.4 ±0.2
1210
3225
3.2
±0.2
2.5
±0.2 0.55 ±0.05 0.45 ±0.2 0.4 ±0.2
1218
3246
3.2
4.6
±0.15 0.55 ±0.05 0.45 ±0.2 0.4 ±0.2
2010
5025
5.0
±0.15 2.5 ±0.15 0.6 ±0.05 0.6 ±0.2 0.6 ±0.2
2512
6332
6.3
±0.2 3.15 ±0.15 0.6 ±0.05 0.6 ±0.2 0.6 ±0.2
+ 0.10
– 0.05
+ 0.20
- 0.10
+ 0.20
– 0.10
+ 0.10
– 0.20
+ 0.10
– 0.20
APPLICABLE SPECIFICATIONS
• CECC40000 / 40400 / 40401
• EN140400 / IEC 60115 – 1
• EIA 575
• MIL-PRF-55342


Similar Part No. - CRCW0402

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0402 VISHAY-CRCW0402 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0402 VISHAY-CRCW0402 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0402 VISHAY-CRCW0402 Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW0402 VISHAY-CRCW0402 Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0402 VISHAY-CRCW0402 Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
More results

Similar Description - CRCW0402

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03 ROHM-MCR03_1 Datasheet
85Kb / 6P
   Thick film rectangular resistors
MCR03 ROHM-MCR03 Datasheet
59Kb / 5P
   Thick film rectangular resistors
logo
Vishay Siliconix
DCRCW VISHAY-DCRCW Datasheet
136Kb / 6P
   Thick Film, Rectangular Chip Resistors
Revision 28-Apr-03
CRCW080568R0FKEA VISHAY-CRCW080568R0FKEA Datasheet
145Kb / 7P
   Thick Film, Rectangular Chip Resistors
Revision: 25-Mar-07
CRCW080582K5FKEA VISHAY-CRCW080582K5FKEA Datasheet
145Kb / 7P
   Thick Film, Rectangular Chip Resistors
Revision: 25-Mar-07
D10LRCRCW0402 VISHAY-D10LRCRCW0402 Datasheet
107Kb / 4P
   Thick Film, Rectangular, Low Value Resistors
DCRCWP VISHAY-DCRCWP Datasheet
91Kb / 6P
   Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
Revision: 21-Jan-14
CRCW-PE3 VISHAY-CRCW-PE3 Datasheet
110Kb / 6P
   Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
Revision: 07-Apr-14
DCRCW-P VISHAY-DCRCW-P Datasheet
135Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
01-Jan-2022
DCRCWPE3 VISHAY-DCRCWPE3 Datasheet
99Kb / 6P
   Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
Revision: 07-Apr-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com