Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F010B70PC Datasheet(PDF) 6 Page - SPANSION

Part # AM29F010B70PC
Description  1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29F010B70PC Datasheet(HTML) 6 Page - SPANSION

Back Button AM29F010B70PC Datasheet HTML 2Page - SPANSION AM29F010B70PC Datasheet HTML 3Page - SPANSION AM29F010B70PC Datasheet HTML 4Page - SPANSION AM29F010B70PC Datasheet HTML 5Page - SPANSION AM29F010B70PC Datasheet HTML 6Page - SPANSION AM29F010B70PC Datasheet HTML 7Page - SPANSION AM29F010B70PC Datasheet HTML 8Page - SPANSION AM29F010B70PC Datasheet HTML 9Page - SPANSION AM29F010B70PC Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
November 18, 2002
Am29F010B
5
CONNECTION DIAGRAMS
3
4
5
2
1
9
10
11
12
13
27
26
25
24
23
7
8
22
21
6
32
31
20
14
30
29
28
15
16
19
18
17
A6
A5
A4
A3
A2
A1
A0
A16
DQ0
A15
A12
A7
DQ1
DQ2
VSS
A8
A9
A11
OE#
A10
CE#
DQ7
VCC
WE#
DQ6
NC
A14
A13
DQ5
DQ4
DQ3
NC
PDIP
1
31 30
2
3
4
5
6
7
8
9
10
11
12
13
17 18 19 20
16
15
14
29
28
27
26
25
24
23
22
21
32
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
PLCC


Similar Part No. - AM29F010B70PC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F010B AMD-AM29F010B Datasheet
370Kb / 31P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F010B AMD-AM29F010B Datasheet
332Kb / 14P
   1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
logo
SPANSION
AM29F010B SPANSION-AM29F010B Datasheet
951Kb / 33P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F010B-120EC SPANSION-AM29F010B-120EC Datasheet
951Kb / 33P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F010B-120ED SPANSION-AM29F010B-120ED Datasheet
951Kb / 33P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results

Similar Description - AM29F010B70PC

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29F010B SPANSION-AM29F010B_06 Datasheet
951Kb / 33P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F010 AMD-AM29F010 Datasheet
370Kb / 31P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F010A AMD-AM29F010A Datasheet
389Kb / 31P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Force Technologies Ltd
FT29F010B FORCE-FT29F010B Datasheet
2Mb / 30P
   1 Megabit (128 K x 8-bit) Uniform Sector Flash Memory CMOS 5.0 Volt-only
logo
Advanced Micro Devices
AMD29F010B AMD-AMD29F010B Datasheet
779Kb / 34P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B Datasheet
66Kb / 7P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29F010-1 AMD-AM29F010-1 Datasheet
56Kb / 8P
   1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
AM29LV010B AMD-AM29LV010B_06 Datasheet
942Kb / 36P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29F010B AMD-AM29F010B Datasheet
332Kb / 14P
   1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
AM29F040B AMD-AM29F040B Datasheet
394Kb / 30P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com