Electronic Components Datasheet Search |
|
C1005JB1C683K Datasheet(PDF) 9 Page - TDK Electronics |
|
C1005JB1C683K Datasheet(HTML) 9 Page - TDK Electronics |
9 / 15 page (9/15) 002-05 / 20041014 / e412_c • All specifications are subject to change without notice. C3216 (EIA CC1206) TYPE SHAPES AND DIMENSIONS CAPACITANCE RANGES: CLASS 1 TEMPERATURE CHARACTERISTICS: JIS CH(0±60ppm/°C), EIA C0G(0±30ppm/°C) RATED VOLTAGE Edc: 50V RATED VOLTAGE Edc: 25V • Part number for temperature characteristic C0G Please substitute "C0G" for "CH" in the part number when ordering. TEMPERATURE CHARACTERISTICS: JIS SL(+350 to –1000ppm/°C) RATED VOLTAGE Edc: 10V • For more information about the products of other capacitance or data, please contact us. CAPACITANCE RANGES: CLASS 2 TEMPERATURE CHARACTERISTICS: JIS B(BJ)(±10%), EIA X5R/X7R(±15%) RATED VOLTAGE Edc: 50V RATED VOLTAGE Edc: 25V RATED VOLTAGE Edc: 16V • Part number for temperature characteristic X5R or X7R Please substitute "X5R" or "X7R" for "JB" in the part number when ordering. TEMPERATURE CHARACTERISTICS: JIS B(BJ)(±10%), EIA X5R(±15%) RATED VOLTAGE Edc: 6.3V • Part number for temperature characteristic X5R Please substitute "X5R" for "JB" in the part number when ordering. Capacitance (pF) Tolerance Thickness T (mm)max. Part number 3,900 ±5% 0.6±0.1 C3216CH1H392J 4,700 ±5% 0.6±0.1 C3216CH1H472J 5,600 ±5% 0.6±0.1 C3216CH1H562J 6,800 ±5% 0.6±0.1 C3216CH1H682J 8,200 ±5% 0.85±0.15 C3216CH1H822J 10,000 ±5% 0.85±0.15 C3216CH1H103J 15,000 ±5% 1.15±0.15 C3216CH1H153J 22,000 ±5% 1.15±0.15 C3216CH1H223J 33,000 ±5% 1.6±0.2 C3216CH1H333J Capacitance (pF) Tolerance Thickness T (mm)max. Part number 8,200 ±5% 0.6±0.1 C3216CH1E822J 10,000 ±5% 0.6±0.1 C3216CH1E103J 15,000 ±5% 0.6±0.1 C3216CH1E153J 22,000 ±5% 0.6±0.1 C3216CH1E223J 33,000 ±5% 0.85±0.15 C3216CH1E333J 47,000 ±5% 1.15±0.15 C3216CH1E473J 68,000 ±5% 1.6±0.2 C3216CH1E683J 100,000 ±5% 1.6±0.2 C3216CH1E104J Capacitance (pF) Tolerance Thickness T (mm)max. Part number 150,000 ±5% 1.15±0.15 C3216SL1A154J 220,000 ±5% 1.6±0.2 C3216SL1A224J Dimensions in mm 0.2min. 3.2 ± 0.2 Capacitance (pF) Tolerance Thickness T (mm)max. Part number 470,000 ±10% 1.6±0.2 C3216JB1H474K ±20% 1.6±0.2 C3216JB1H474M 680,000 ±10% 1.6±0.2 C3216JB1H684K ±20% 1.6±0.2 C3216JB1H684M 1,000,000 [1µF] ±10% 1.6±0.2 C3216JB1H105K ±20% 1.6±0.2 C3216JB1H105M Capacitance (pF) Tolerance Thickness T (mm)max. Part number 1,000,000 [1µF] ±10% 1.6±0.2 C3216JB1E105K ±20% 1.6±0.2 C3216JB1E105M 1,500,000 ±10% 1.6±0.2 C3216JB1E155K ±20% 1.6±0.2 C3216JB1E155M 2,200,000 ±10% 1.6±0.2 C3216JB1E225K ±20% 1.6±0.2 C3216JB1E225M 3,300,000 ±10% 1.6±0.2 C3216JB1E335K ±20% 1.6±0.2 C3216JB1E335M 4,700,000 ±10% 1.6±0.2 C3216JB1E475K ±20% 1.6±0.2 C3216JB1E475M Capacitance (pF) Tolerance Thickness T (mm)max. Part number 6,800,000 [6.8µF] ±10% 1.6±0.2 C3216JB1C685K ±20% 1.6±0.2 C3216JB1C685M 10,000,000 ±10% 1.6±0.2 C3216JB1C106K ±20% 1.6±0.2 C3216JB1C106M Capacitance (pF) Tolerance Thickness T (mm)max. Part number 33,000,000 [33µF] ±20% 1.6+0.3,–0.1 C3216JB0J336M 47,000,000 ±20% 1.6+0.3,–0.1 C3216JB0J476M |
Similar Part No. - C1005JB1C683K |
|
Similar Description - C1005JB1C683K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |