Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28C011TRPFE-12 Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 28C011TRPFE-12
Description  1 Megabit (128K x 8-Bit) EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

28C011TRPFE-12 Datasheet(HTML) 1 Page - Maxwell Technologies

  28C011TRPFE-12 Datasheet HTML 1Page - Maxwell Technologies 28C011TRPFE-12 Datasheet HTML 2Page - Maxwell Technologies 28C011TRPFE-12 Datasheet HTML 3Page - Maxwell Technologies 28C011TRPFE-12 Datasheet HTML 4Page - Maxwell Technologies 28C011TRPFE-12 Datasheet HTML 5Page - Maxwell Technologies 28C011TRPFE-12 Datasheet HTML 6Page - Maxwell Technologies 28C011TRPFE-12 Datasheet HTML 7Page - Maxwell Technologies 28C011TRPFE-12 Datasheet HTML 8Page - Maxwell Technologies 28C011TRPFE-12 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300- Fax: (858) 503-3301 - www.maxwell.com
1 Megabit (128K x 8-Bit) EEPROM
28C011T
©2003 Maxwell Technologies
All rights reserved.
11.10.03 REV 10
FEATURES:
• 128k x 8-bit EEPROM
•RAD-PAK® radiation-hardened against natural space radia-
tion
• Total dose hardness:
- > 100 krad (Si), depending upon space mission
• Excellent Single Event Effects:
- No Latchup > 120 MeV/mg/cm2
- SEU > 90 MeV/mg/cm2 read mode
• Package:
- 32-pin RAD-PAK® flat package
- 32-pin Rad-Tolerant flat package
- JEDEC-approved byte-wide pinout
• High speed:
- 120, 150, and 200 ns maximum access times available
• High endurance:
- 10,000 erase/write (in Page Mode),
- 10 year data retention
• Page write mode:
- 1 to 128 bytes
• Low power dissipation
- 20 mW/MHz active (typical)
- 110 µ W standby (maximum)
DESCRIPTION:
Maxwell Technologies’ 28C011T high-density 1 Megabit (128K
x 8-Bit) EEPROM microcircuit features a greater than 100
krad (Si) total dose tolerance, depending upon space mission.
The 28C011T is capable of in-system electrical byte and page
programmability. It has a 128-byte page programming function
to make its erase and write operations faster. It also features
data polling and a Ready/Busy signal to indicate the comple-
tion of erase and programming operations. In the 28C010T,
hardware data protection is provided with the RES pin, in addi-
tion to noise protection on the WE signal and write inhibit on
power on and off. Software data protection is implemented
using the JEDEC optional standard algorithm.
Maxwell Technologies' patented RAD-PAK® packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. In a GEO orbit, RAD-PAK® provides greater than 100
krad (Si) radiation dose tolerance. This product is available
with screening up to Class S.
High Voltage
Generator
Control Logic Timing
Address
Buffer and
Latch
Y Decoder
X Decoder
Y Gating
Memory Array
I/O Buffer and
Input Latch
Data Latch
V
CC
V
SS
RES
OE
CE
WE
RES
A0
A6
A7
A16
I/O0
I/O7
RDY/Busy
Logic Diagram
28C011T


Similar Part No. - 28C011TRPFE-12

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C010TRPDB-12 MAXWELL-28C010TRPDB-12 Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C010TRPDB-15 MAXWELL-28C010TRPDB-15 Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C010TRPDB-20 MAXWELL-28C010TRPDB-20 Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C010TRPDE-12 MAXWELL-28C010TRPDE-12 Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
More results

Similar Description - 28C011TRPFE-12

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Silicon Storage Technol...
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
   1 Megabit (128K x 8-bit) 5V Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com