Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCT Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # DCT
Description  Standard footprint
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCT Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button DCT Datasheet HTML 4Page - Delta Electronics, Inc. DCT Datasheet HTML 5Page - Delta Electronics, Inc. DCT Datasheet HTML 6Page - Delta Electronics, Inc. DCT Datasheet HTML 7Page - Delta Electronics, Inc. DCT Datasheet HTML 8Page - Delta Electronics, Inc. DCT Datasheet HTML 9Page - Delta Electronics, Inc. DCT Datasheet HTML 10Page - Delta Electronics, Inc. DCT Datasheet HTML 11Page - Delta Electronics, Inc. DCT Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DS_DCT12S0A0S03NFA_11142013
8
Figure 21: Typical transient response to step load change at
1
A/μS from 100%~ 50%~100% of Io, max at 12Vin,
2.5Vout
(Cout = 1uF+ 47uF+
10μF ceramic)
CH1 : VOUT, 50mV/div, 200uS/div
Figure 22: Typical transient response to step load change at
1
A/μS from 100%~ 50%~100% of Io, max at 12Vin,
1.8Vout
(Cout = 1uF+ 47uF+
10μF ceramic)
CH1 : VOUT, 50mV/div,200uS/div
Figure 23: Typical transient response to step load change at
1
A/μS from 100%~ 50%~100% of Io, max at 12Vin,
1.2Vout
(Cout = 1uF+ 47uF+
10μF ceramic)
CH1 : VOUT, 50mV/div, 200uS/div
Figure 24: Typical transient response to step load change at
1
A/μS from 100%~ 50%~100% of Io, max at 12Vin,
0.59Vout
(Cout = 1uF+ 47uF+
10μF ceramic)
CH1 : VOUT, 50mV/div, 200uS/div


Similar Part No. - DCT

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
DCT-200A PREMO-DCT-200A Datasheet
439Kb / 4P
   DC Current Transducer
logo
SL Power Electronics
DCT-250 SLPOWER-DCT-250 Datasheet
90Kb / 2P
   250, 275, 350 WATTS MULTIPLE OUTPUT 24/28 AND 48 VDC INPUT
DCT-253-0512 SLPOWER-DCT-253-0512 Datasheet
90Kb / 2P
   250, 275, 350 WATTS MULTIPLE OUTPUT 24/28 AND 48 VDC INPUT
DCT-350 SLPOWER-DCT-350 Datasheet
90Kb / 2P
   250, 275, 350 WATTS MULTIPLE OUTPUT 24/28 AND 48 VDC INPUT
DCT-353-0512 SLPOWER-DCT-353-0512 Datasheet
90Kb / 2P
   250, 275, 350 WATTS MULTIPLE OUTPUT 24/28 AND 48 VDC INPUT
More results

Similar Description - DCT

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA DELTA-H48SA Datasheet
569Kb / 13P
   Standard footprint
E48SC12008 DELTA-E48SC12008 Datasheet
930Kb / 17P
   Standard footprint
Q48SQ DELTA-Q48SQ Datasheet
729Kb / 13P
   Standard footprint
E48SC3R315 DELTA-E48SC3R315 Datasheet
538Kb / 15P
   Standard footprint
E48SC05012 DELTA-E48SC05012 Datasheet
760Kb / 15P
   Standard footprint
DNM04SMD10 DELTA-DNM04SMD10 Datasheet
994Kb / 17P
   Standard footprint
DNL10SMD DELTA-DNL10SMD Datasheet
936Kb / 15P
   Standard footprint
logo
Emerson Network Power
BXB100 EMERSON-NETWORKPOWER-BXB100 Datasheet
593Kb / 3P
   Industry standard footprint
logo
MMD Components
MVAH5 MMD-MVAH5 Datasheet
88Kb / 2P
   Industry Standard Footprint
logo
Delta Electronics, Inc.
DNT12 DELTA-DNT12 Datasheet
625Kb / 13P
   Standard footprint and pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com