Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNK12 Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # DNK12
Description  Output voltage tracking
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNK12 Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button DNK12 Datasheet HTML 7Page - Delta Electronics, Inc. DNK12 Datasheet HTML 8Page - Delta Electronics, Inc. DNK12 Datasheet HTML 9Page - Delta Electronics, Inc. DNK12 Datasheet HTML 10Page - Delta Electronics, Inc. DNK12 Datasheet HTML 11Page - Delta Electronics, Inc. DNK12 Datasheet HTML 12Page - Delta Electronics, Inc. DNK12 Datasheet HTML 13Page - Delta Electronics, Inc. DNK12 Datasheet HTML 14Page - Delta Electronics, Inc. DNK12 Datasheet HTML 15Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DS_DNK12SIP_09062016
11
FEATURES DESCRIPTIONS (CON.)
Table 1 provides Rtrim values required for some common
output voltages. By using a 0.5% tolerance trim resistor,
set point tolerance of ±1.5% can be achieved as specified
in the electrical specification.
Table 1
VO (V)
Rtrim (Ω)
0.8
Open
1.2
2900
1.5
1614
1.8
1100
2.5
606
3.3
380
5.0
185.7
Voltage Margining
Output voltage margining can be implemented in the
DNK modules by connecting a resistor, R margin-up, from the
Trim pin to the ground pin for margining-up the output
voltage and by connecting a resistor, Rmargin-down, from the
Trim pin to the output pin for margining-down. Figure 39
shows the
circuit configuration for
output voltage
margining. If unused, leave the trim pin unconnected. A
calculation tool is available from the evaluation procedure
which computes the values of R margin-up and Rmargin-down for
a specific output voltage and margin percentage.
Vo
On/Off
Vin
GND
Trim
Q2
Q1
Rmargin-up
Rmargin-down
Rtrim
Figure 39: Circuit configuration for output voltage margining
FEATURES DESCRIPTIONS (CON.)
Voltage Tracking
The DNK family was designed for applications that have
output voltage tracking requirements during power-up
and power-down. The devices have a TRACK pin to
implement three types of tracking method: sequential,
simultaneous and ratio-metric. TRACK simplifies the task
of supply voltage tracking in a power system by enabling
modules to track each other, or any external voltage,
during power-up and power-down.
By connecting multiple modules together, customers can
get multiple modules to track their output voltages to the
voltage applied on the TRACK pin.
The DNK family has option code A for TRACK function.
The output voltage Track characteristic can be achieved
when the output voltage of PS2 follows the output
voltage of PS1 on a volt-to-volt basis.
Figure 40: Simultaneous tracking
Simultaneous tracking (Figure 40) is implemented by
using a voltage divider around the TRACK pin. The
objective is to minimize the voltage difference between
the power supply outputs during power up and down.
For type A (DNX0A0XXXX A), the simultaneous tracking
can be accomplished by connecting VoPS1 to the TRACK
pin of PS2 where the voltage divider is inside the PS2.


Similar Part No. - DNK12

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK1201M STANLEY-DNK1201M Datasheet
308Kb / 12P
   Surface Mount Type/ High-output IRED for Automotive
DNK1203M STANLEY-DNK1203M Datasheet
332Kb / 12P
   Surface Mount Type/ High-output IRED for Automotive
logo
Delta Electronics, Inc.
DNK12S0A0R30NA DELTA-DNK12S0A0R30NA Datasheet
771Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
DNK12S0A0R30NA DELTA-DNK12S0A0R30NA Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNK12S0A0R30NFA DELTA-DNK12S0A0R30NFA Datasheet
771Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
More results

Similar Description - DNK12

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS DELTA-DNS Datasheet
794Kb / 15P
   Output Voltage tracking
logo
Mitsubishi Electric Sem...
M5230L MITSUBISHI-M5230L Datasheet
258Kb / 7P
   VARIABLE OUTPUT VOLTAGE REGULATOR(DUAL TRACKING TYPE)
logo
NTE Electronics
NTE7090 NTE-NTE7090 Datasheet
20Kb / 2P
   Variable Output Voltage Regulator (Dual Tracking Type)
logo
List of Unclassifed Man...
SG4501A ETC1-SG4501A Datasheet
378Kb / 6P
   DUAL VOLTAGE TRACKING REGULATOR
logo
Fairchild Semiconductor
RC4194 FAIRCHILD-RC4194 Datasheet
108Kb / 15P
   Dual Tracking Voltage Regulators
logo
Artesyn Technologies
DDR12 ARTESYN-DDR12 Datasheet
310Kb / 11P
   Tracking Dual Output DC-DC Converters
logo
Texas Instruments
TPS7B4253-Q1 TI1-TPS7B4253-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO With 4-mV Tracking Tolerance
TPS7B4250-Q1 TI1-TPS7B4250-Q1 Datasheet
316Kb / 17P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO
logo
Infineon Technologies A...
TLE4253 INFINEON-TLE4253 Datasheet
426Kb / 22P
   Low Dropout Voltage Tracking Regulator
Rev. 1.2, November 2009
TLE4250-2 INFINEON-TLE4250-2 Datasheet
314Kb / 17P
   Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com