Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2055NVC-TR Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM2055NVC-TR
Description  N-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2055NVC-TR Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM2055NVC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APM2055NVC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APM2055NVC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APM2055NVC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APM2055NVC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APM2055NVC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APM2055NVC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APM2055NVC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APM2055NVC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Feb., 2003
APM2055N
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
TO-252
50
T
A=25°C
SOT-223
3
TO-252
10
P
D
Maximum Power Dissipation
T
A=100°C
SOT-223
1.2
W
T
J
Maximum Junction Temperature
150
°C
T
STG
Storage Temperature Range
-55 to 150
°C
RθjA
Thermal Resistance – Junction to Ambient
50
°C/W
APM2055N
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static
BV
DSS
Drain-Source Breakdown
Voltage
V
GS=0V, ID=250µA
20
V
I
DSS
Zero Gate Voltage Drain
Current
V
DS=16V, VGS=0V
1
µA
V
GS(th)
Gate Threshold Voltage
V
DS=VGS, ID=250
µA
0.7
0.9
1.5
V
I
GSS
Gate Leakage Current
V
GS=±16V, VDS=0V
±100
nA
V
GS=10V, ID=12A
55
70
V
GS=4.5V, ID=6A
75
90
R
DS(ON)
Drain-Source On-state
Resistance
V
GS=2.5V, ID=2A
140
160
m
V
SD
Diode Forward Voltage
I
S=2A, VGS=0V
0.7
1.3
V
Dynamic
Q
g
Total Gate Charge
78.5
Q
gs
Gate-Source Charge
2.5
Q
gd
Gate-Drain Charge
V
DS=15V, VGS=4.5V,
I
D=1.5A
1.5
nC
t
d(ON)
Turn-on Delay Time
9.2
18.6
t
r
Turn-on Rise Time
14
27
t
d(OFF)
Turn-off Delay Time
31
58
t
f
Turn-off Fall Time
V
DD=15V, ID=2A,
V
GS=10V, RG=6Ω
16
21
ns
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Absolute Maximum Ratings (Cont.) (T
A = 25°C unless otherwise noted)


Similar Part No. - APM2055NVC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2055NU ANPEC-APM2055NU Datasheet
187Kb / 10P
   N-Channel Enhancement Mode MOSFET
logo
SHENZHEN DOINGTER SEMIC...
APM2055NU DOINGTER-APM2055NU Datasheet
965Kb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Anpec Electronics Corop...
APM2055NUC-TR ANPEC-APM2055NUC-TR Datasheet
187Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM2055NUC-TRL ANPEC-APM2055NUC-TRL Datasheet
187Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM2055NUC-TU ANPEC-APM2055NUC-TU Datasheet
187Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM2055NVC-TR

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com