Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ2506F Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # GBJ2506F
Description  LOW VF GLASS PASSIVATED BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

GBJ2506F Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  GBJ2506F_17 Datasheet HTML 1Page - HY ELECTRONIC CORP. GBJ2506F_17 Datasheet HTML 2Page - HY ELECTRONIC CORP. GBJ2506F_17 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERTIC CURVES
GBJ2506F
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 7, 16-Mar-2017
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ = 25°C
PULSE WIDTH 300us
0.1
0.01
1.0
0
0.2
0.8
0.4
1.0
1.6
0.6
1.2
1.4
100
1.8
10
1000
100
10
1.0
0.1
020
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.5-TYPICAL REVERSE CHARACTERISTICS
TJ=125°C
TJ=100°C
TJ=50°C
TJ=25°C
FIG.1-FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, °C
60
120
140
0
5
25
100
80
40
20
0
15
20
10
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
WITH HEATSINK
WITHOUT HEATSINK
FIG.3-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(VOLTS)
TJ=25°C,f=1MHZ
10.0
100
1.0
1.0
100
1000
10
NUMBER OF CYCLES AT 60Hz
FIG.2-MAXMUN NON-REPETITIVE
SURGE CURRENT
300
50
250
100
0
1
2
5
10
20
50
100
200
150
350
TJ=25°C
(JEDEC METHOD)
SINGLE -SINE- WAVE


Similar Part No. - GBJ2506F_17

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJ2506F SECOS-GBJ2506F_15 Datasheet
229Kb / 2P
   Low VF Glass Passivited Bridge Rectifiers
More results

Similar Description - GBJ2506F_17

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
GBU2506F HY-GBU2506F_17 Datasheet
164Kb / 3P
   LOW VF GLASS PASSIVATED BRIDGE RECTIFIERS
4GBJ1006U HY-4GBJ1006U_V01 Datasheet
442Kb / 3P
   Low VF Glass Passivated Bridge Rectifiers
GBU606U HY-GBU606U_V01 Datasheet
438Kb / 3P
   Low VF Glass Passivated Bridge Rectifiers
GBU806U HY-GBU806U_V01 Datasheet
416Kb / 3P
   Low VF Glass Passivated Bridge Rectifiers
4GBJ406U HY-4GBJ406U_V01 Datasheet
442Kb / 3P
   Low VF Glass Passivated Bridge Rectifiers
D6KB6U HY-D6KB6U_V01 Datasheet
456Kb / 3P
   Low VF Glass Passivated Bridge Rectifiers
GBU406F HY-GBU406F_17 Datasheet
177Kb / 3P
   LOW VF GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ1006U HY-GBJ1006U_V01 Datasheet
421Kb / 3P
   Low VF Glass Passivated Bridge Rectifiers
GBU406U HY-GBU406U_V01 Datasheet
434Kb / 3P
   Low VF Glass Passivated Bridge Rectifiers
GBU1006F HY-GBU1006F_17 Datasheet
164Kb / 3P
   LOW VF GLASS PASSIVATED BRIDGE RECTIFIERS
GBU1506F HY-GBU1506F_17 Datasheet
164Kb / 3P
   LOW VF GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com