Electronic Components Datasheet Search |
|
C1608JB1E224K Datasheet(PDF) 11 Page - TDK Electronics |
|
C1608JB1E224K Datasheet(HTML) 11 Page - TDK Electronics |
11 / 15 page (11/15) 002-05 / 20041014 / e412_c • All specifications are subject to change without notice. C3225(EIA CC1210) TYPE SHAPES AND DIMENSIONS CAPACITANCE RANGES: CLASS 1 TEMPERATURE CHARACTERISTICS: JIS CH(0±60ppm/°C), EIA C0G(0±30ppm/°C) RATED VOLTAGE Edc: 50V • Part number for temperature characteristic C0G Please substitute "C0G" for "CH" in the part number when ordering. CAPACITANCE RANGES: CLASS 2 TEMPERATURE CHARACTERISTICS: JIS B(BJ)(±10%), EIA X5R/X7R(±15%) RATED VOLTAGE Edc: 50V RATED VOLTAGE Edc: 25V RATED VOLTAGE Edc: 16V • Part number for temperature characteristic X5R or X7R Please substitute "X5R" or "X7R" for "JB" in the part number when ordering. TEMPERATURE CHARACTERISTICS: JIS B(BJ)(±10%), EIA X5R(±15%) RATED VOLTAGE Edc: 10V RATED VOLTAGE Edc: 6.3V • Part number for temperature characteristic X5R Please substitute "X5R" for "JB" in the part number when ordering. TEMPERATURE CHARACTERISTICS: EIA X5R/X7R(±15%) RATED VOLTAGE Edc: 50V RATED VOLTAGE Edc: 25V RATED VOLTAGE Edc: 16V • Part number for temperature characteristic X7R Please substitute "X7R" for "X5R" in the part number when ordering. • For more information about the products of other capacitance or data, please contact us. Capacitance (pF) Tolerance Thickness T (mm)max. Part number 33,000 ±5% 1.25±0.2 C3225CH1H333J 47,000 ±5% 2.0±0.2 C3225CH1H473J 68,000 ±5% 2.0±0.2 C3225CH1H683J 100,000 ±5% 2.5±0.3 C3225CH1H104J Capacitance (pF) Tolerance Thickness T (mm)max. Part number 1,000,000 [1µF] ±10% 1.6±0.2 C3225JB1H105K ±20% 1.6±0.2 C3225JB1H105M 1,500,000 ±10% 2.0±0.2 C3225JB1H155K ±20% 2.0±0.2 C3225JB1H155M 2,200,000 ±10% 2.0±0.2 C3225JB1H225K ±20% 2.0±0.2 C3225JB1H225M 3,300,000 ±10% 2.5±0.3 C3225JB1H335K ±20% 2.5±0.3 C3225JB1H335M Capacitance (pF) Tolerance Thickness T (mm)max. Part number 3,300,000 [3.3µF] ±10% 1.6±0.2 C3225JB1E335K ±20% 1.6±0.2 C3225JB1E335M 4,700,000 ±10% 2.0±0.2 C3225JB1E475K ±20% 2.0±0.2 C3225JB1E475M 6,800,000 ±10% 2.0±0.2 C3225JB1E685K ±20% 2.0±0.2 C3225JB1E685M 10,000,000 ±10% 2.5±0.3 C3225JB1E106K ±20% 2.5±0.3 C3225JB1E106M 0.2min. 3.2 ±0.4 Dimensions in mm Capacitance (pF) Tolerance Thickness T (mm)max. Part number 6,800,000 [6.8µF] ±10% 2.0±0.2 C3225JB1C685K ±20% 2.0±0.2 C3225JB1C685M 10,000,000 ±10% 2.0±0.2 C3225JB1C106K ±20% 2.0±0.2 C3225JB1C106M 15,000,000 ±20% 2.5±0.3 C3225JB1C156M 22,000,000 ±20% 2.5±0.3 C3225JB1C226M Capacitance (pF) Tolerance Thickness T (mm)max. Part number 15,000,000 [15µF] ±20% 2.3±0.2 C3225JB1A156M Capacitance (pF) Tolerance Thickness T (mm)max. Part number 22,000,000 [22µF] ±20% 2.0±0.2 C3225JB0J226M 68,000,000 ±20% 2.0±0.3 C3225JB0J686M 100,000,000 ±20% 2.5±0.3 C3225JB0J107M Capacitance (pF) Tolerance Thickness T (mm)max. Part number 2,200,000 [2.2µF] ±10% 2.0±0.2 C3225X5R1H225K ±20% 2.0±0.2 C3225X5R1H225M 3,300,000 ±10% 2.5±0.3 C3225X5R1H335K ±20% 2.5±0.3 C3225X5R1H335M Capacitance (pF) Tolerance Thickness T (mm)max. Part number 6,800,000 [6.8µF] ±10% 2.5±0.3 C3225X5R1E685K ±20% 2.5±0.3 C3225X5R1E685M 10,000,000 ±10% 2.5±0.3 C3225X5R1E106K ±20% 2.5±0.3 C3225X5R1E106M Capacitance (pF) Tolerance Thickness T (mm)max. Part number 10,000,000 [10µF] ±10% 2.0±0.2 C3225X5R1C106K ±20% 2.0±0.2 C3225X5R1C106M 15,000,000 ±20% 2.5±0.3 C3225X5R1C156M 22,000,000 ±20% 2.5±0.3 C3225X5R1C226M |
Similar Part No. - C1608JB1E224K |
|
Similar Description - C1608JB1E224K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |