Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67007-A9488 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # Q67007-A9488
Description  7 A H-Bridge for DC-Motor Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67007-A9488 Datasheet(HTML) 2 Page - Infineon Technologies AG

  Q67007-A9488 Datasheet HTML 1Page - Infineon Technologies AG Q67007-A9488 Datasheet HTML 2Page - Infineon Technologies AG Q67007-A9488 Datasheet HTML 3Page - Infineon Technologies AG Q67007-A9488 Datasheet HTML 4Page - Infineon Technologies AG Q67007-A9488 Datasheet HTML 5Page - Infineon Technologies AG Q67007-A9488 Datasheet HTML 6Page - Infineon Technologies AG Q67007-A9488 Datasheet HTML 7Page - Infineon Technologies AG Q67007-A9488 Datasheet HTML 8Page - Infineon Technologies AG Q67007-A9488 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TLE 6209 R
Data Sheet, Version 3.0
2
2001-10-15
motor. Several device parameters can be set by the SPI control word. A three-level
temperature monitoring with prewarning, warning and shutdown is included for
controlled operation under critical power loss conditions. The full protection and
diagnosis capability make the device suitable especially for safety relevant applications,
e.g. in automotive ECUs.
1.2
Pin Configuration
(top view)
Pin Definitions and Functions
V
S
Power Supply Voltage
V
CC
5 V Logic Supply
DRV
Input for Charge pump buffer
capacitor
GND
Ground
SDI
Serial Data Input
SDO
Serial Data Output
SCLK
Serial Clock Input
CSN
Chip-Select-Not Input
OUT
Power Output
PWM
PWM Input
DIR
Direction Input
DIS
Disable Input
INH
Inhibit
OUT 2
OUT 2
INH
GND
GND
CSN
OUT 1
SCLK
SDI
SDO
OUT 1
V
S
GND
V
S
V
CC
GND
DRV
PWM
DIR
DIS
Metal slug,
connected to GND
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
19
18
17
20
10
TLE 6209R


Similar Part No. - Q67007-A9488

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67007-A9401 INFINEON-Q67007-A9401 Datasheet
226Kb / 16P
   TrilithIC
2001-02-01
Q67007-A9466 INFINEON-Q67007-A9466 Datasheet
696Kb / 57P
   Multi-Voltage Processor Power Supply
Rev. 1.31 1 2004-10-12
More results

Similar Description - Q67007-A9488

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7209-2R INFINEON-TLE7209-2R_10 Datasheet
385Kb / 32P
   7 A H-Bridge for DC-Motor Applications
Rev. 1.5, 2010-11-05
TLE7209-2R INFINEON-TLE7209-2R Datasheet
335Kb / 32P
   7 A H-Bridge for DC-Motor Applications
V1.0, 2004-mar-12
TLE6209R INFINEON-TLE6209R_10 Datasheet
705Kb / 30P
   7 A H-Bridge for DC-Motor Applications
Rev.3.2 2010-09-10
TLE6209R INFINEON-TLE6209R_07 Datasheet
329Kb / 30P
   7 A H-Bridge for DC-Motor Applications
2007-08-01 Rev.3.1
TLE7209-2R INFINEON-TLE7209-2R_07 Datasheet
428Kb / 32P
   7 A H-Bridge for DC-Motor Applications
Rev. 1.4, 2007-04-05
TLE5206-2G INFINEON-TLE5206-2G Datasheet
198Kb / 22P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
TLE5205-2 INFINEON-TLE5205-2 Datasheet
214Kb / 23P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
TLE5205-2 INFINEON-TLE5205-2_07 Datasheet
342Kb / 25P
   5-A H-Bridge for DC-Motor Applications
Rev. 1.1, 2007-07-31
TLE5206-2 INFINEON-TLE5206-2_07 Datasheet
335Kb / 24P
   5-A H-Bridge for DC-Motor Applications
Rev.1.1, 2007-07-31
logo
Rohm
BD6211HFP ROHM-BD6211HFP Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com