Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B18LH-JB Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # B18LH-JB
Description  General Specifications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

B18LH-JB Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

  B18LH-JB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. B18LH-JB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. B18LH-JB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. B18LH-JB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. B18LH-JB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. B18LH-JB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. B18LH-JB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. B18LH-JB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Series B
Process Sealed Subminiature Antistatic Toggles
A19
A
www.nkkswitches.com
Panel Seal • Single Pole
Threaded Bushing • Straight PC
Panel Seal • Double Pole
Threaded Bushing • Straight PC
B12A1P
B22A1P
STANDARD HARDWARE & PANEL CUTOUT
AT513M
Metric Hex Nut
Material:
Brass,
Nickel plated
AT063
Gasket
Material:
Nitrile butadiene
rubber
(1.3)
.051
(6.9)
.272
(4.9)
.193
(6.2)
.244
(8.6)
.339
Maximum Panel Thickness
with Standard Hardware:
.087” (2.2mm)
(6.0)
.236
(5.0)
.197
Slot
(6.8)
.268
(4.8)
.189
(0.6) Dia Typ
.024
(2.54) Typ
.100
(3.1)
.122
(2.6) Dia
.102
26°
(8.0)
.315
(5.5)
.217
(0.8)
.031
(15.1)
.594
M6 P0.75
(1.0)
.039
1
2
3
CL
(8.8)
.346
(2.54) Typ
.100
4
5
6
CL
(8.8)
.346
1
2
3
(0.6) Dia Typ
.024
(2.54) Typ
.100
(3.1)
.122
(2.6) Dia
.102
26°
(8.0)
.315
(5.5)
.217
(0.8)
.031
(15.1)
.594
M6 P0.75
Slot
(8.8)
.346
(4.8)
.189
(2.54) Typ
.100
3
1
2
(0.8) Dia Typ
.031
(1.0)
.039
CL
(0.8) Dia Typ
.031
6
4
52
3
1
(2.54) Typ
.100
(5.08)
.200
(8.0)
.315
M6 P0.75
(9.0)
.354
(1.5)
.059
TYPICAL SWITCH DIMENSIONS


Similar Part No. - B18LH-JB

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
B18LH-JB OHMITE-B18LH-JB Datasheet
258Kb / 8P
   General Specifications
More results

Similar Description - B18LH-JB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com