Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K814P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # K814P
Description  Optocoupler with Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K814P Datasheet(HTML) 4 Page - Vishay Siliconix

  K814P Datasheet HTML 1Page - Vishay Siliconix K814P Datasheet HTML 2Page - Vishay Siliconix K814P Datasheet HTML 3Page - Vishay Siliconix K814P Datasheet HTML 4Page - Vishay Siliconix K814P Datasheet HTML 5Page - Vishay Siliconix K814P Datasheet HTML 6Page - Vishay Siliconix K814P Datasheet HTML 7Page - Vishay Siliconix K814P Datasheet HTML 8Page - Vishay Siliconix K814P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
K814P/ K824P/ K844P
Vishay Semiconductors
Rev. A4, 11–Jan–99
4 (9)
Switching Characteristics
Parameter
Test Conditions
Symbol
Typ.
Unit
Delay time
VS = 5 V, IC = 2 mA, RL = 100 W see fi ure 1
td
3.0
ms
Rise time
S
C
L
(g
)
tr
3.0
ms
Fall time
tf
4.7
ms
Storage time
ts
0.3
ms
Turn-on time
ton
6.0
ms
Turn-off time
toff
5.0
ms
Turn-on time
VS = 5 V, IF = 10 mA, RL = 1 kW see fi ure 2
ton
9.0
ms
Turn-off time
S
F
L
(g
)
toff
18.0
ms
Channel I
Channel II
100
W
50
W
+ 5 V
Oscilloscope
R
L
> 1 M
W
C
L
< 20 pF
I
C
= 2 mA ;
adjusted through
input amplitude
I
F
I
F
R
G
= 50
W
t
p
t
p
= 50
ms
T
= 0.01
0
13343
Figure 1. Test circuit, non-saturated operation
Channel I
Channel II
1 k
W
50
W
+ 5 V
Oscilloscope
R
L
> 1 M
W
C
L
< 20 pF
I
C
I
F
R
G
= 50
W
t
p
t
p
= 50
ms
T
= 0.01
0
13344
I
F
= 10 mA
Figure 2. Test circuit, saturated operation
tp
t
t
0
0
10%
90%
100%
tr
td
ton
ts
tf
toff
IF
IC
96 11698
tp
pulse duration
td
delay time
tr
rise time
ton (= td + tr)
turn-on time
ts
storage time
tf
fall time
toff (= ts + tf)
turn-off time
Figure 3. Switching times


Similar Part No. - K814P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K814P VISHAY-K814P Datasheet
192Kb / 8P
   Optocoupler with Phototransistor Output
Rev. 2.0, 09-Jan-08
K814P VISHAY-K814P Datasheet
262Kb / 9P
   Optocoupler, Phototransistor Output, AC input
Rev. 1.8, 26-Oct-04
K814P VISHAY-K814P Datasheet
182Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 2.0, 09-Jan-08
K814P VISHAY-K814P Datasheet
184Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
K814P VISHAY-K814P Datasheet
184Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
More results

Similar Description - K814P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com