Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5812 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA5812
Description  UHF ASK/FSK TRANSCEIVER
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5812 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA5812 Datasheet HTML 5Page - ATMEL Corporation ATA5812 Datasheet HTML 6Page - ATMEL Corporation ATA5812 Datasheet HTML 7Page - ATMEL Corporation ATA5812 Datasheet HTML 8Page - ATMEL Corporation ATA5812 Datasheet HTML 9Page - ATMEL Corporation ATA5812 Datasheet HTML 10Page - ATMEL Corporation ATA5812 Datasheet HTML 11Page - ATMEL Corporation ATA5812 Datasheet HTML 12Page - ATMEL Corporation ATA5812 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
9
ATA5811/ATA5812 [Preliminary]
4689B–RKE–04/04
RF Transceiver
According to Figure 3 on page 5, the RF transceiver consists of an LNA (Low-Noise
Amplifier), PA (Power Amplifier), RX/TX switch, fractional-N frequency synthesizer and
the signal processing part with mixer, IF filter, IF amplifier, FSK/ASK demodulator, data
filter and data slicer.
In receive mode the LNA pre-amplifies the received signal which is converted down to
226 kHz, filtered and amplified before it is fed into an FSK/ASK demodulator, data filter
and data slicer. The RSSI (Received Signal Strength Indicator) signal and the raw digital
output signal of the demodulator are available at the pins RSSI and DEM_OUT. The
demodulated data signal Demod_Out is fed to the digital control logic where it is evalu-
ated and buffered as described in section “Digital Control Logic”.
In transmit mode the fractional-N frequency synthesizer generates the TX frequency
which is fed to the PA. In ASK mode the PA is modulated by the signal PA_Enable. In
FSK mode the PA is enabled and the signal TX_DATA (FSK) modulates the fractional-N
frequency synthesizer. The frequency deviation is digitally controlled and internally fixed
to about ±16 kHz (see Table 12 on page 24 for exact values). The transmit data can
also be buffered as described in section “Digital Control Logic”. A lock detector within
the synthesizer ensures that the transmission will only start if the synthesizer is locked.
The RX/TX switch can be used to combine the LNA input and the PA output to a single
antenna with a minimum of losses.
Transparent modes without buffering of RX and TX data are also available to allow pro-
tocols and coding schemes other than the internal supported Manchester encoding.
Low-IF Receiver
The receive path consists of a fully integrated low-IF receiver. It fulfills the sensitivity,
blocking, selectivity, supply voltage and supply current specification needed to manu-
facture an automotive key fob without the use of SAW blocking filter (see Figure 4 on
page 6). The receiver can be connected to the roof antenna in the car when using an
additional blocking SAW front-end filter as shown in Figure 5 on page 7.
At 433.92 MHz the receiver has a typical system noise figure of 7.0 dB, a system
I1dBCP of -30 dBm and a system IIP3 of -20 dBm. There is no AGC or switching of the
LNA needed, thus, a better blocking performance is achieved. This receiver uses an IF
(Intermediate Frequency) of 226 kHz, the typical image rejection is 30 dB and the typical
3 dB IF filter bandwidth is 185 kHz (f
IF = 226 kHz ±92.5 kHz, flo_IF = 133.5 kHz and
f
hi_IF = 318.5 kHz). The demodulator needs a signal to Gaussian noise ratio of 8 dB for
20 kBaud Manchester with ±16 kHz frequency deviation in FSK mode, thus, the result-
ing sensitivity at 433.92 MHz is typically -106 dBm at 20 kBaud Manchester.
Due to the low phase noise and spurious of the synthesizer in receive mode(1) together
with the eighth order integrated IF filter the receiver has a better selectivity and blocking
performance than more complex double superhet receivers but without external compo-
nents and without numerous spurious receiving frequencies.
A low-IF architecture is also less sensitive to second-order intermodulation (IIP2) than
direct conversion receivers where every pulse or AM-modulated signal (especially the
signals from TDMA systems like GSM) demodulates to the receiving signal band at sec-
ond-order non-linearities.
Note:
1. -120 dBC/Hz at ±1 MHz and -75 dBC at ±FREF at 433.92 MHz


Similar Part No. - ATA5812

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5812 ATMEL-ATA5812 Datasheet
1Mb / 90P
   UHF ASK/FSK Transceiver
ATA5812-PLQW ATMEL-ATA5812-PLQW Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
More results

Similar Description - ATA5812

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5830N ATMEL-ATA5830N_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
   UHF ASK/FSK Transceiver
ATA5423 ATMEL-ATA5423_07 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510_14 Datasheet
898Kb / 22P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823 Datasheet
1Mb / 98P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823_14 Datasheet
2Mb / 82P
   UHF ASK/FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com