Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JDV2S01E Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # JDV2S01E
Description  Diode Silicon Epitaxial Planar Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDV2S01E Datasheet(HTML) 1 Page - Toshiba Semiconductor

  JDV2S01E Datasheet HTML 1Page - Toshiba Semiconductor JDV2S01E Datasheet HTML 2Page - Toshiba Semiconductor JDV2S01E Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JDV2S01E
2002-01-16
1
TOSHIBA Diode Silicon Epitaxial Planar Type
JDV2S01E
VCO for UHF band
· Small Package
· High Capacitance Ratio: C1V/C4V = 2.0 (typ.)
· Low Series Resistance: rs = 0.5 Ω (typ.)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Reverse voltage
VR
10
V
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~125
°C
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse voltage
VR
IR = 1 mA
10
¾
¾
V
Reverse current
IR
VR = 10 V
¾
¾
3
nA
C1V
VR = 1 V, f = 1 MHz
2.85
3.15
3.45
Capacitance
C4V
VR = 4 V, f = 1 MHz
1.35
1.57
1.81
pF
Capacitance ratio
C1V/C4V
¾
1.8
2
¾
¾
Series resistance
rs
VR = 1 V, f = 470 MHz
¾
0.5
0.7
W
Note: Signal level when capacitance is measured. Vsig = 100 mVrms
Marking
Unit: mm
JEDEC
JEITA
TOSHIBA
1-1G1A
Weight: 0.0014 g
F A


Similar Part No. - JDV2S01E

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDV2S01E TOSHIBA-JDV2S01E Datasheet
127Kb / 3P
   Silicon Epitaxial Planar Type VCO for UHF band
JDV2S01E-07 TOSHIBA-JDV2S01E-07 Datasheet
127Kb / 3P
   Silicon Epitaxial Planar Type VCO for UHF band
More results

Similar Description - JDV2S01E

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
015AZ2 TOSHIBA-015AZ2 Datasheet
234Kb / 5P
   Diode Silicon Epitaxial Planar Type
1N4606 TOSHIBA-1N4606 Datasheet
37Kb / 1P
   SILICON EPITAXIAL PLANAR TYPE DIODE
logo
KEC(Korea Electronics)
KTX711T KEC-KTX711T Datasheet
385Kb / 4P
   SILICON EPITAXIAL PLANAR TYPE DIODE
logo
Toshiba Semiconductor
HN1D03F TOSHIBA-HN1D03F Datasheet
171Kb / 4P
   Diode Silicon Epitaxial Planar Type
1N4608 TOSHIBA-1N4608 Datasheet
37Kb / 1P
   SILICON EPITAXIAL PLANAR TYPE DIODE
1S2095A TOSHIBA-1S2095A Datasheet
69Kb / 2P
   SILICON EPITAXIAL PLANAR TYPE DIODE
JDV2S02E TOSHIBA-JDV2S02E Datasheet
85Kb / 3P
   Diode Silicon Epitaxial Planar Type
logo
KEC(Korea Electronics)
KTX311T KEC-KTX311T Datasheet
56Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX412T KEC-KTX412T Datasheet
414Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX312T KEC-KTX312T Datasheet
827Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com