Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB161B-CC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT45DB161B-CC
Description  16 MEGABIT 2.5-VOLT ONLY OR 2.7-VOLT ONLY DATAFLASH
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB161B-CC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT45DB161B-CC Datasheet HTML 2Page - ATMEL Corporation AT45DB161B-CC Datasheet HTML 3Page - ATMEL Corporation AT45DB161B-CC Datasheet HTML 4Page - ATMEL Corporation AT45DB161B-CC Datasheet HTML 5Page - ATMEL Corporation AT45DB161B-CC Datasheet HTML 6Page - ATMEL Corporation AT45DB161B-CC Datasheet HTML 7Page - ATMEL Corporation AT45DB161B-CC Datasheet HTML 8Page - ATMEL Corporation AT45DB161B-CC Datasheet HTML 9Page - ATMEL Corporation AT45DB161B-CC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
AT45DB161B
2224I–DFLSH–10/04
BUFFER TO MAIN MEMORY PAGE PROGRAM WITHOUT BUILT-IN ERASE: A
previously erased page within main memory can be programmed with the contents of
either buffer 1 or buffer 2. To start the operation, an 8-bit opcode, 88H for buffer 1 or
89H for buffer 2, must be followed by the two reserved bits, 12 address bits
(PA11 - PA0) that specify the page in the main memory to be written, and ten additional
don’t care bits. When a low-to-high transition occurs on the CS pin, the part will program
the data stored in the buffer into the specified page in the main memory. It is necessary
that the page in main memory that is being programmed has been previously erased.
The programming of the page is internally self-timed and should take place in a maxi-
mum time of t
P. During this time, the status register will indicate that the part is busy.
Successive page programming operations without doing a page erase are not recom-
mended. In other words, changing bytes within a page from a “1” to a “0” during multiple
page programming operations without erasing that page is not recommended.
PAGE ERASE: The optional Page Erase command can be used to individually erase
any page in the main memory array allowing the Buffer to Main Memory Page Program
without Built-in Erase command to be utilized at a later time. To perform a Page Erase,
an opcode of 81H must be loaded into the device, followed by two reserved bits,
12 address bits (PA11 - PA0), and ten don’t care bits. The 12 address bits are used to
specify which page of the memory array is to be erased. When a low-to-high transition
occurs on the CS pin, the part will erase the selected page to 1s. The erase operation is
internally self-timed and should take place in a maximum time of t
PE. During this time,
the status register will indicate that the part is busy.
BLOCK ERASE: A block of eight pages can be erased at one time allowing the Buffer
to Main Memory Page Program without Built-in Erase command to be utilized to reduce
programming times when writing large amounts of data to the device. To perform a
Block Erase, an opcode of 50H must be loaded into the device, followed by two
reserved bits, nine address bits (PA11 - PA3), and 13 don’t care bits. The nine address
bits are used to specify which block of eight pages is to be erased. When a low-to-high
transition occurs on the CS pin, the part will erase the selected block of eight pages to
1s. The erase operation is internally self-timed and should take place in a maximum
time of t
BE. During this time, the status register will indicate that the part is busy.
Block Erase Addressing
PA11
PA10
PA9
PA8
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
Block
0
000
000
00
X
X
X
0
0
000
000
01
X
X
X
1
0
000
000
10
X
X
X
2
0
000
000
11
X
X
X
3
1
111
111
00
X
X
X
508
1
111
111
01
X
X
X
509
1
111
111
10
X
X
X
510
1
111
111
11
X
X
X
511


Similar Part No. - AT45DB161B-CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161B ATMEL-AT45DB161B Datasheet
84Kb / 5P
   8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DB161B ATMEL-AT45DB161B_14 Datasheet
361Kb / 33P
   Supports Page and Block Erase Operations
More results

Similar Description - AT45DB161B-CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081B ATMEL-AT45DB081B Datasheet
414Kb / 32P
   8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB081B ATMEL-AT45DB081B_05 Datasheet
530Kb / 33P
   8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
45DB041B ATMEL-45DB041B Datasheet
233Kb / 33P
   4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB161D ATMEL-AT45DB161D Datasheet
1Mb / 53P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D ATMEL-AT45DB161D_09 Datasheet
1Mb / 56P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161 ATMEL-AT45DB161_01 Datasheet
318Kb / 21P
   16-megabit 2.7-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161 Datasheet
224Kb / 20P
   16-Megabit 2.7-volt Only Serial DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
   1-megabit 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B_05 Datasheet
484Kb / 32P
   2-megabit 2.7-volt Only DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com