Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHM53260 Datasheet(PDF) 8 Page - International Rectifier

Part # IRHM53260
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM53260 Datasheet(HTML) 8 Page - International Rectifier

  IRHM53260 Datasheet HTML 1Page - International Rectifier IRHM53260 Datasheet HTML 2Page - International Rectifier IRHM53260 Datasheet HTML 3Page - International Rectifier IRHM53260 Datasheet HTML 4Page - International Rectifier IRHM53260 Datasheet HTML 5Page - International Rectifier IRHM53260 Datasheet HTML 6Page - International Rectifier IRHM53260 Datasheet HTML 7Page - International Rectifier IRHM53260 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRHM57260
Pre-Irradiation
8
www.irf.com
Pulse width
≤ 300 µs; Duty Cycle ≤ 2%
Total Dose Irradiation with VGS Bias.
12 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019, condition A.
Total Dose Irradiation with VDS Bias.
160 volt VDS applied and VGS = 0 during
irradiation per MlL-STD-750, method 1019, condition A.
Repetitive Rating; Pulse width limited by
maximum junction temperature.
VDD = 25V, starting TJ = 25°C, L= 0.82 mH
Peak IL = 35A, VGS = 12V
ISD ≤ 35A, di/dt ≤ 410A/µs,
VDD ≤ 200V, TJ ≤ 150°C
Footnotes:
Case Outline and Dimensions — TO-254AA
BERYLLIA WARNING PER MIL-PRF-19500
Package containing beryllia shall not be ground, sandblasted, machined, or have other operations performed on them
which will will produce beryllia or beryllium dust. Furthermore, beryllium oxide packages shall not be placed in acids
that will produce fumes containing beryllium.
CAUTION
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 01/03
NOT ES :
1. DIMENS IONING & T OLERANCING PER AS ME Y14.5M-1994.
2. ALL DIMENS IONS ARE S HOWN IN MILLIMET ERS [INCHES ].
1 = DRAIN
2 = S OURCE
3 = GAT E
PIN AS S IGNMENT S
3. CONT ROLLING DIMENS ION: INCH.
4. CONFORMS TO JEDEC OUTLINE TO-254AA.
6 60 [ 260]
6 32 [ 249]
1 27 [ 050]
1 02 [ 040]
0 12 [ 005]
13 84 [ 545]
13 59 [ 535]
13 84 [ 545]
13 59 [ 535]
3 81 [ 150]
2X
17 40 [ 685]
16 89 [ 665]
A
1 14 [ 045]
0 89 [ 035]
0 36 [ 014]
B A
3X
B
20 32 [ 800]
20 07 [ 790]
3 78 [ 149]
3 53 [ 139]
123
17 40 [ 685]
16 89 [ 665]
3 81 [ 150]
0 84 [ 033]
MAX
C
6 60 [ 260]
6 32 [ 249]
1 27 [ 050]
1 02 [ 040]
0 12 [ 005]
13 84 [ 545]
13 59 [ 535]
13 84 [ 545]
13 59 [ 535]
3 81 [ 150]
2X
22 73 [ 895]
21 21 [ 835]
17 40 [ 685]
16 89 [ 665]
A
1 14 [ 045]
0 89 [ 035]
0 36 [ 014]
B
A
3X
4 06 [ 160]
3 56 [ 140]
B
R 1 52 [ 060]
123
4 82 [ 190]
3 81 [ 150]
20 32 [ 800]
20 07 [ 790]
3 78 [ 149]
3 53 [ 139]


Similar Part No. - IRHM53260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM53064 IRF-IRHM53064 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHM53160 IRF-IRHM53160 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM53Z60 IRF-IRHM53Z60 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
More results

Similar Description - IRHM53260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7130 IRF-IRHM7130 Datasheet
488Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHG7214 IRF-IRHG7214 Datasheet
243Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57160 IRF-IRHM57160 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSF2N7262 IRF-JANSF2N7262 Datasheet
298Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRH7054 IRF-IRH7054 Datasheet
240Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSR2N7269 IRF-JANSR2N7269 Datasheet
264Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57260SE IRF-IRHM57260SE Datasheet
96Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHF7110 IRF-IRHF7110 Datasheet
460Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57264SE IRF-IRHM57264SE Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRH9150 IRF-IRH9150 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com