Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHM58260 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHM58260
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM58260 Datasheet(HTML) 3 Page - International Rectifier

  IRHM58260 Datasheet HTML 1Page - International Rectifier IRHM58260 Datasheet HTML 2Page - International Rectifier IRHM58260 Datasheet HTML 3Page - International Rectifier IRHM58260 Datasheet HTML 4Page - International Rectifier IRHM58260 Datasheet HTML 5Page - International Rectifier IRHM58260 Datasheet HTML 6Page - International Rectifier IRHM58260 Datasheet HTML 7Page - International Rectifier IRHM58260 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
IRHM57260
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ➄➅
Parameter
Up to 600K Rads(Si)1 1000K Rads (Si)2 Units
Test Conditions
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
200
200
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
2.0
4.0
1.25
4.0
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
100
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
-100
VGS = -20 V
IDSS
Zero Gate Voltage Drain Current
10
25
µA
VDS= 160V, VGS =0V
RDS(on)
Static Drain-to-Source
0.044
0.045
VGS = 12V, ID =32A
On-State Resistance (TO-3)
RDS(on)
Static Drain-to-Source
0.049
0.050
VGS = 12V, ID =32A
On-State Resistance (TO-254)
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
1. Part numbers IRHM57260, IRHM53260 and IRHM54260
2. Part number IRHM58260
Fig a. Single Event Effect, Safe Operating Area
VSD
Diode Forward Voltage
1.2
1.2
V
VGS = 0V, IS = 35A
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Table 2. Single Event Effect Safe Operating Area
Ion
LET
Energy
Range
V
DS
(V)
MeV/(mg/cm2)
(MeV)
(µm)
@V
GS
=0V @V
GS
=-5V @V
GS
=-10V @V
GS
=-15V @V
GS
=-20V
Br
36.7
309
39.5
200
200
150
100
50
I
59.8
341
32.5
200
100
40
35
30
Au
82.3
350
28.4
50
35
25
0
50
100
150
200
250
0
-5
-10
-15
-20
VGS
Br
I
Au


Similar Part No. - IRHM58260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM58064 IRF-IRHM58064 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHM58160 IRF-IRHM58160 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM58Z60 IRF-IRHM58Z60 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
More results

Similar Description - IRHM58260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7130 IRF-IRHM7130 Datasheet
488Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHG7214 IRF-IRHG7214 Datasheet
243Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57160 IRF-IRHM57160 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSF2N7262 IRF-JANSF2N7262 Datasheet
298Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRH7054 IRF-IRH7054 Datasheet
240Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSR2N7269 IRF-JANSR2N7269 Datasheet
264Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57260SE IRF-IRHM57260SE Datasheet
96Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHF7110 IRF-IRHF7110 Datasheet
460Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57264SE IRF-IRHM57264SE Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRH9150 IRF-IRH9150 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com