Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGKIN050M12 Datasheet(PDF) 4 Page - International Rectifier

Part # IRGKIN050M12
Description  Low conduction loss IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGKIN050M12 Datasheet(HTML) 4 Page - International Rectifier

  IRGKIN050M12 Datasheet HTML 1Page - International Rectifier IRGKIN050M12 Datasheet HTML 2Page - International Rectifier IRGKIN050M12 Datasheet HTML 3Page - International Rectifier IRGKIN050M12 Datasheet HTML 4Page - International Rectifier IRGKIN050M12 Datasheet HTML 5Page - International Rectifier IRGKIN050M12 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Similar Part No. - IRGKIN050M12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10K IRF-IRG4BC10K Datasheet
158Kb / 8P
   Short Circuit Rated UltraFast IGBT
IRG4BC10KD IRF-IRG4BC10KD Datasheet
210Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.2.39V, @Vge=15V, Ic=5.0A)
IRG4BC10KDPBF IRF-IRG4BC10KDPBF Datasheet
265Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC10KDPBF IRF-IRG4BC10KDPBF Datasheet
274Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC10KDPBF IRF-IRG4BC10KDPBF Datasheet
274Kb / 11P
   High short circuit rating optimized for motor control
More results

Similar Description - IRGKIN050M12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGNIN050M12 IRF-IRGNIN050M12 Datasheet
373Kb / 6P
   Low conduction loss IGBT
logo
Shenzhen Winsemi Microe...
WGW15G120W WINSEMI-WGW15G120W Datasheet
455Kb / 7P
   Low Loss IGBT
WGW15G120N WINSEMI-WGW15G120N Datasheet
446Kb / 7P
   Low Loss IGBT
logo
List of Unclassifed Man...
WGW40G60W ETC2-WGW40G60W Datasheet
446Kb / 7P
   Low Loss IGBT
logo
Shenzhen Winsemi Microe...
WGW40G60W WINSEMI-WGW40G60W Datasheet
446Kb / 7P
   Low Loss IGBT
logo
List of Unclassifed Man...
WGW15G120N ETC2-WGW15G120N Datasheet
446Kb / 7P
   Low Loss IGBT
logo
Shenzhen Winsemi Microe...
WGA40G60 WINSEMI-WGA40G60 Datasheet
443Kb / 7P
   Low Loss IGBT
logo
List of Unclassifed Man...
WGA40G60 ETC2-WGA40G60 Datasheet
443Kb / 7P
   Low Loss IGBT
WGW15G120W ETC2-WGW15G120W Datasheet
455Kb / 7P
   Low Loss IGBT
logo
Semikron International
SKM145GB174DN SEMIKRON-SKM145GB174DN Datasheet
630Kb / 4P
   Low Loss IGBT Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com