Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2226A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2226A
Description  DUAL-SLOT PC CARD田?POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2226A Datasheet(HTML) 4 Page - Texas Instruments

  TPS2226A Datasheet HTML 1Page - Texas Instruments TPS2226A Datasheet HTML 2Page - Texas Instruments TPS2226A Datasheet HTML 3Page - Texas Instruments TPS2226A Datasheet HTML 4Page - Texas Instruments TPS2226A Datasheet HTML 5Page - Texas Instruments TPS2226A Datasheet HTML 6Page - Texas Instruments TPS2226A Datasheet HTML 7Page - Texas Instruments TPS2226A Datasheet HTML 8Page - Texas Instruments TPS2226A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS2206A
SLVS449 – DECEMBER 2002
www.ti.com
4
ELECTRICAL CHARACTERISTICS Continued
TJ = 25°C, VI(5V) = 5 V, VI(3.3V) = 3.3 V, VI(12V) = 12 V, all outputs unloaded (unless otherwise noted)
LOGIC SECTION (CLOCK, DATA, LATCH, RESET, SHDN, OC)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I
(1)
RESET = 5.5 V
–1
1
II(RESET)(1)
RESET = 0 V
–30
–20
–10
I (S
)
(1)
SHDN = 5.5 V
–1
1
II
Input current, logic
II(SHDN)(1)
SHDN = 0 V
–50
–3
µA
II
In ut current, logic
I
(1)
LATCH = 5.5 V
50
µA
II(LATCH)(1)
LATCH = 0 V
–1
1
II(CLOCK, DATA)
0 V to 5.5 V
–1
1
VIH
High-level input voltage, logic
2
V
VIL
Low-level input voltage, logic
0.8
V
VO(sat)
Output saturation voltage at OC
IO = 2 mA
0.14
0.4
V
Ilkg
Leakage current at OC
VO(/OC) = 5.5 V
0
1
µA
(1) LATCH has low current pulldown. RESET and SHDN have low-current pullup.
UVLO AND POR (POWER-ON RESET)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(3.3V)
Input voltage at 3.3V pin, UVLO
3.3-V level below which all switches are Hi-Z
2.4
2.7
2.9
V
Vhys(3.3V)
UVLO hysteresis voltage at VA (1)
100
mV
VI(5V)
Input voltage at 5V pin, UVLO
5-V level below which only 5V switches are Hi-Z
2.3
2.5
2.9
V
Vhys(5V)
UVLO hysteresis voltage at 5 V(1)
100
mV
tdf
Delay time for falling response, UVLO(1)
Delay from voltage hit (step from 3 V to 2.3 V)
to Hi-Z control (90% VG to GND)
4
µs
VI(POR)
Input voltage, power-on reset(1)
3.3-V voltage below which POR is asserted
causing a RESET internally with all line
switches open and all discharge switches
closed.
1.7
V
(1) Specified by design; not tested in production.


Similar Part No. - TPS2226A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2226A TI-TPS2226A Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2226A TI-TPS2226A Datasheet
1,001Kb / 37P
[Old version datasheet]   POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2226A TI1-TPS2226A Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2226ADB TI-TPS2226ADB Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2226ADB TI1-TPS2226ADB Datasheet
1Mb / 31P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Similar Description - TPS2226A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2202AI TI-TPS2202AI Datasheet
358Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206IDB TI-TPS2206IDB Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202A TI1-TPS2202A Datasheet
656Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206 TI-TPS2206 Datasheet
458Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A_16 Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206ADAPR TI-TPS2206ADAPR Datasheet
1,001Kb / 37P
[Old version datasheet]   POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A Datasheet
1,001Kb / 37P
[Old version datasheet]   PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com