Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B432CZ Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # B432CZ
Description  1.25V Adjustable Shunt Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

B432CZ Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  B432CZ Datasheet HTML 1Page - List of Unclassifed Manufacturers B432CZ Datasheet HTML 2Page - List of Unclassifed Manufacturers B432CZ Datasheet HTML 3Page - List of Unclassifed Manufacturers B432CZ Datasheet HTML 4Page - List of Unclassifed Manufacturers B432CZ Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B432
Electrical Characteristics
Unless specified: T٨ = 25°C. Values in bold apply over full operating ambient temperature.
B432 1
%
Parameter
Symbol
Condition
Min
Typ
Max
Units
1.237
1.262
Reference Voltage
VREF
VZ = VREF1 IZ = 10mA
(1)
1.250
V
VREF Temp Deviation
VDEV
VZ = VREF1 IZ = 10mA
(1)
2
16
mV
Ratio of Change in
VREF To Change in VZ
Δ VREF
ΔVZ
IZ = 10mA,ΔVZ = 15V to VRef
-1.5
-2.7
mV/V
Reference Input
Current
IREF
R1 = 10k
Ω, R2 = ∞,
IZ = 10mA
(2)
3
6
µA
IREF Temperature
Deviation
IREF(DEV)
R1 = 10k
Ω, R2 = ∞,
IZ = 10mA
(2)
0.3
0.6
µA
Off-State Cathode
Current
IZ (OFF)
VREF = 0V, VZ =15V
(3)
0.05
500
nA
Min Operating
Current
IZ(MIN)
VZ = VREF
(1)
0.6
1
mA
Unless specified: T٨ = 25°C. Values in bold apply over full operating ambient temperature.
B432 2
%
Parameter
Symbol
Condition
Min
Typ
Max
Units
1.225
1.275
Reference Voltage
VREF
VZ = VREF1 IZ = 10mA
(1)
1.250
V
VREF Temp Deviation
VDEV
VZ = VREF1 IZ = 10mA
(1)
2
16
mV
Ratio of Change in
VREF To Change in VZ
Δ VREF
ΔVZ
IZ = 10mA,ΔVZ = 15V to VRef
-1.5
-2.7
mV/V
Reference Input
Current
IREF
R1 = 10k
Ω, R2 = ∞,
IZ = 10mA
(2)
3
6
µA
IREF Temperature
Deviation
IREF(DEV)
R1 = 10k
Ω, R2 = ∞,
IZ = 10mA
(2)
0.3
0.6
µA
Off-State Cathode
Current
IZ (OFF)
VREF = 0V, VZ =15V
(3)
0.05
500
nA
Min Operating
Current
IZ(MIN)
VZ = VREF
(1)
0.6
1
mA


Similar Part No. - B432CZ

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43201 EPCOS-B43201 Datasheet
595Kb / 13P
   Aluminum electrolytic capacitors
B43201A0567M000 EPCOS-B43201A0567M000 Datasheet
595Kb / 13P
   Aluminum electrolytic capacitors
B43201A0687M000 EPCOS-B43201A0687M000 Datasheet
595Kb / 13P
   Aluminum electrolytic capacitors
B43201A0827M000 EPCOS-B43201A0827M000 Datasheet
595Kb / 13P
   Aluminum electrolytic capacitors
B43201A1188M000 EPCOS-B43201A1188M000 Datasheet
595Kb / 13P
   Aluminum electrolytic capacitors
More results

Similar Description - B432CZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ432 DIODES-AZ432 Datasheet
362Kb / 18P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
BCD Semiconductor Manuf...
AZ432 BCDSEMI-AZ432_07 Datasheet
175Kb / 17P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ432 BCDSEMI-AZ432 Datasheet
162Kb / 16P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ432 BCDSEMI-AZ432_12 Datasheet
700Kb / 17P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
TL432 UTC-TL432_10 Datasheet
141Kb / 4P
   1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432 Datasheet
103Kb / 3P
   1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432_16 Datasheet
177Kb / 6P
   1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432_11 Datasheet
160Kb / 3P
   1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
UM605A_1112 UTC-UM605A_1112 Datasheet
160Kb / 4P
   OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
UM605B UTC-UM605B Datasheet
178Kb / 6P
   OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com